Electronic Components Datasheet Search
  English  ▼

X  

ADS-929GC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ADS-929GC
Description  14-Bit, 2MHz, Low-Power Sampling A/D Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADS-929GC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ADS-929GC Datasheet HTML 1Page - List of Unclassifed Manufacturers ADS-929GC Datasheet HTML 2Page - List of Unclassifed Manufacturers ADS-929GC Datasheet HTML 3Page - List of Unclassifed Manufacturers ADS-929GC Datasheet HTML 4Page - List of Unclassifed Manufacturers ADS-929GC Datasheet HTML 5Page - List of Unclassifed Manufacturers ADS-929GC Datasheet HTML 6Page - List of Unclassifed Manufacturers ADS-929GC Datasheet HTML 7Page - List of Unclassifed Manufacturers ADS-929GC Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
®
®
ADS-929
2
+25°C
0 to +70°C
–55 to +125°C
ANALOG INPUT
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
UNITS
Input Voltage Range 
—
±5
—
—
±5
—
—
±5
—
Volts
Input Resistance
—
1
—
—
1
—
—
1
—
k
Ω
Input Capacitance
—
7
15
—
7
15
—
7
15
pF
DIGITAL INPUT
Logic Levels
Logic "1"
+2.0
—
—
+2.0
—
—
+2.0
—
—
Volts
Logic "0"
—
—
+0.8
—
—
+0.8
—
—
+0.8
Volts
Logic Loading "1"
—
—
+20
—
—
+20
—
—
+20
µA
Logic Loading "0"
—
—
–20
—
—
–20
—
—
–20
µA
Start Convert Positive Pulse Width Ž
20
200
—
20
200
—
20
200
—
ns
STATIC PERFORMANCE
Resolution
—
14
—
—
14
—
—
14
—
Bits
Integral Nonlinearity (fin = 10kHz)
—
±0.5
—
—
±0.75
—
—
±1
—
LSB
Differential Nonlinearity (fin = 10kHz)
—
±0.5
±0.95
—
±0.5
±0.95
—
±0.5
±0.99
LSB
Full Scale Absolute Accuracy
—
±0.05
±0.15
—
±0.15
±0.4
—
±0.3
±0.5
%FSR
Bipolar Zero Error (Tech Note 2)
—
±0.05
±0.15
—
±0.1
±0.25
—
±0.4
±0.75
%FSR
Bipolar Offset Error (Tech Note 2)
—
±0.05
±0.15
—
±0.15
±0.4
—
±0.4
±0.95
%FSR
Gain Error (Tech Note 2)
—
±0.1
±0.3
—
±0.3
±0.5
—
±0.5
±1.25
%
No Missing Codes (fin = 10kHz)
14
—
—
14
—
—
14
—
—
Bits
DYNAMIC PERFORMANCE
Peak Harmonics (–0.5dB)
dc to 500kHz
—
–80
–75
—
–80
–75
—
–79
–74
dB
500kHz to 1MHz
—
–80
–74
—
–80
–74
—
–74
–67
dB
Total Harmonic Distortion (–0.5dB)
dc to 500kHz
—
–79
–74
—
–79
–74
—
–77
–72
dB
500kHz to 1MHz
—
–79
–74
—
–79
–74
—
–72
–67
dB
Signal-to-Noise Ratio
(w/o distortion, –0.5dB)
dc to 500kHz
76
78
—
76
78
—
75
77
—
dB
500kHz to 1MHz
75
77
—
75
77
—
74
76
—
dB
Signal-to-Noise Ratio 
(& distortion, –0.5dB)
dc to 500kHz
72
75
—
72
75
—
71
74
—
dB
500kHz to 1MHz
70
75
—
70
75
—
67
73
—
dB
Two-Tone Intermodulation
Distortion (fin = 200kHz,
500kHz, fs = 2MHz, –0.5dB)
—
–83
—
—
–82
—
—
–80
—
dB
Noise
—
300
—
—
450
—
—
600
—
µVrms
Input Bandwidth (–3dB)
Small Signal (–20dB input)
—
9
—
—
9
—
—
9
—
MHz
Large Signal (–0.5dB input)
—
8
—
—
8
—
—
8
—
MHz
Feedthrough Rejection (fin = 1MHz)
—
82
—
—
82
—
—
82
—
dB
Slew Rate
—
±200
—
—
±200
—
—
±200
—
V/µs
Aperture Delay Time
—
±20
—
—
±20
—
—
±20
—
ns
Aperture Uncertainty
—
5
—
—
5
—
—
5
—
ps rms
S/H Acquisition Time
(to ±0.003%FSR, 10V step)
150
190
230
150
190
230
150
190
230
ns
Overvoltage Recovery Time 
—
400
500
—
400
500
—
400
500
ns
A/D Conversion Rate
2
—
—
2
—
—
2
—
—
MHz
ABSOLUTE MAXIMUM RATINGS
PARAMETERS
LIMITS
UNITS
+12V/+15V Supply (Pin 22)
0 to +16
Volts
–12V/–15V Supply (pin 24)
0 to –16
Volts
+5V Supply (Pin 13)
0 to +6
Volts
Digital Input (Pin 16)
–0.3 to +VDD +0.3
Volts
Analog Input (Pin 20)
±15
Volts
Lead Temperature (10 seconds)
+300
°C
PHYSICAL/ENVIRONMENTAL
PARAMETERS
MIN.
TYP.
MAX.
UNITS
Operating Temp. Range, Case
ADS-929MC, GC
0
—
+70
°C
ADS-929MM, GM, 883
–55
—
+125
°C
Thermal Impedance
θjc
6
°C/Watt
θca
24
°C/Watt
Storage Temperature
–65
—
+150
°C
Package Type
24-pin, metal-sealed, ceramic DDIP or SMT
Weight
0.42 ounces (12 grams)
FUNCTIONAL SPECIFICATIONS
(TA = +25°C, ±VCC = ±15V (or ±12V), +VDD = +5V, 2MHz sampling rate, and a minimum 1 minute warmup Œ unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com