Electronic Components Datasheet Search
  English  ▼

X  

160LET Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # 160LET
Description  25-180A, 240 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

160LET Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  160LET Datasheet HTML 1Page - Cooper Bussmann, Inc. 160LET Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Semiconductor Fuse
25-180A, 240 Volts
BIF Document
35785293
Size
104
103
102
101
2
24
6
8
2
102
24
6
8 103
2
4
6
2
6
4
100
2
6
4
101
2
6
4
2
6
4
2
6
4
6
4
2
6
2
4
Prospective Current In Amperes RMS
63LET
50LET
35LET
32LET
25LET
180LETa
160LET
125LET
100LET
80LET
10
–4
10
–3
10
–2
10
–1
Pre-Arcing
Time-Current Characteristic Curves
25LET-180LET
Approved:
NN
Rev. Date:
SEPT-97
Page
1 of 2
Pub. Date:
JAN-98
BUSSMANN
P.O. Box 14460
St. Louis, MO 63178-4460
U.S.A.
Phone:
636-394-2877
Fax:
800-544-2570
Int’l Fax: 636-527-1413
BUSSMANN U.K.
Burton-on-the-Wolds
Leicestershire LE12 5TH
England
Phone:
44-1509-882737
Fax:
44-1509-882786
BUSSMANN DENMARK
5 Literbuen
DK-2740 Skovlunde
Copenhagen, Denmark
Phone:
45-4485-0900
Fax:
45-4485-0901
Bussmann reserves the right without notice to change design and/or discontinue distribution of this product.
1-17-01
SB00233


Similar Part No. - 160LET

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
160LET COOPER-160LET Datasheet
49Kb / 2P
Electrical Characteristics, Total Clearing I2t, Arc Voltage, Power Losses
More results

Similar Description - 160LET

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D180SC4M SHINDENGEN-D180SC4M Datasheet
17Kb / 1P
Schottky Rectifiers (SBD) (40V 180A)
logo
Central Semiconductor C...
2N686 CENTRAL-2N686 Datasheet
98Kb / 2P
SILICON CONTROLLED RECTIFIER 25 AMPS, 25 THRU 800 VOLTS
logo
Fairchild Semiconductor
FGA180N33ATTU FAIRCHILD-FGA180N33ATTU Datasheet
695Kb / 8P
330V, 180A PDP Trench IGBT
logo
Cooper Bussmann, Inc.
160LMT COOPER-160LMT Datasheet
40Kb / 2P
160-450A, 240 Volts
400LMMT COOPER-400LMMT Datasheet
38Kb / 2P
400-900A, 240 Volts
logo
Powerex Power Semicondu...
CP25TD1-24A POWEREX-CP25TD1-24A Datasheet
342Kb / 6P
25 Amperes/1200 Volts
logo
Rohm
RZ2L18CGN ROHM-RZ2L18CGN Datasheet
2Mb / 15P
Nch 60V 180A Power MOSFET
RX3G18BGN ROHM-RX3G18BGN Datasheet
2Mb / 14P
Nch 40V 180A Power MOSFET
logo
MacMic
MMD180S MACMIC-MMD180S Datasheet
197Kb / 3P
180A Rectifier Diode Module
logo
Shindengen Electric Mfg...
ST70-27FZ SHINDENGEN-ST70-27FZ Datasheet
1Mb / 5P
TVS 180A, 7000W
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com