Electronic Components Datasheet Search
  English  ▼

X  

CS4852 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS4852
Description  Cost-effective, High-performance 32-bit DSP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4852 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS4852 Datasheet HTML 6Page - Cirrus Logic CS4852 Datasheet HTML 7Page - Cirrus Logic CS4852 Datasheet HTML 8Page - Cirrus Logic CS4852 Datasheet HTML 9Page - Cirrus Logic CS4852 Datasheet HTML 10Page - Cirrus Logic CS4852 Datasheet HTML 11Page - Cirrus Logic CS4852 Datasheet HTML 12Page - Cirrus Logic CS4852 Datasheet HTML 13Page - Cirrus Logic CS4852 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
10
DS734F5
5.4 Power Supply Characteristics
5.4 Power Supply Characteristics
(Measurements performed under operating conditions)
5.5 Thermal Data (48-pin LQFP)
Parameter
Symbol
Min
Typ
Max
Unit
High-level input voltage
VIH
2.0
V
Low-level input voltage, except XTI
VIL
——
0.8
V
Low-level input voltage, XTI
VILXTI
——
0.6
V
Input hysteresis
Vhys
—0.4
V
High-level output voltage (IO = –2 mA), except XTI
VOH
VDDIO*0.9
V
Low-level output voltage (IO = 2 mA), except XTI
VOL
——
VDDIO*0.1
V
Input leakage XTI
ILXTI
——
5
µA
Input leakage current (all digital pins with internal pull-up resistors enabled)
ILEAK
——
70
µA
Parameter
Min
Typ
Max
Unit
Operational Power Supply Current:
VDD: Core and I/O operating1
1.Dependent on application firmware and DSP clock speed.
203
mA
VDDA: PLL operating
—8
mA
VDDIO: With most ports operating
—27
mA
Total Operational Power Dissipation:
480
mW
Standby Power Supply Current:
VDD: Core and I/O not clocked
100
µA
VDDA: PLL halted
—1
µA
VDDIO: All connected I/O pins 3-stated by other ICs in system
50
µA
Total Standby Power Dissipation
348
µW
Parameter
Symbol
Min
Typ
Max
Unit
Junction Temperature
Tj
——
125
°C
Thermal Resistance (Junction to Ambient)
Two-layer board1
Four-layer board2
1.Two-layer board is specified as a 76 mm X 114 mm, 1.6 mm thick FR-4 material with 1 oz. copper covering 20% of the top and bottom layers.
2.Four-layer board is specified as a 76 mm X 114 mm, 1.6 mm thick FR-4 material with 1 oz. copper covering 20% of the top and bottom layers and 0.5
oz. copper covering 90 % of the internal power plane and ground plane layers.
θ
ja
63.5
°C/Watt
—54
Thermal Resistance (Junction to Top of Package)
Two-layer board3
Four-layer board4
3.To calculate the die temperature for a given power dissipation
T
j = Ambient Temperature + [(Power Dissipation in Watts)*
θ
ja]
4.To calculate the case temperature for a given power dissipation
T
c = Tj – [(Power Dissipation in Watts)*
ψ
jt]
ψ
jt
0.70
°C/Watt
—0.64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com