Electronic Components Datasheet Search
  English  ▼

X  

3723 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # 3723
Description  Add-On Fuseblocks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

3723 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  3723 Datasheet HTML 1Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Catalog Symbol: 3743
Add-On Fuseblocks
Ampere Rating: 30 Amperes
Voltage Rating: 600 Volts AC
Agency Information:
U.L. Recognized, Guide IZLT2, File E14853
Catalog Symbol: 3742
Add-On Fuseblocks
End Barrier Only
Add-On Fuseblocks
3723, 3742
For ⁄‹Ω£™∑ ≈ 1⁄Ω™∑ Fuses
and 3743
Form No. 3723, 3742 and 3743
Page 1 of 1
BIF Doc #2104
Bussmann®
SB02003
1-16-02
1.125"
(28.6mm)
2.56"
(65.1mm)
0.78"
(19.8mm)
1.34"
(34.1mm)
0.25"
(6.4mm)
0.323"
(8.2mm)
0.144"
(3.66mm)
The only controlled copy of this BIF document is the electronic read-only version located on the Bussmann Network Drive. All other copies of this BIF document are by definition uncontrolled. This bul-
letin is intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to
change design or construction of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information
contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Dimensional Data
B U S S
3 7 4 2
0.25"
(6.4 mm)
2.56"
(65.0 mm)
1.125"
(28.6 mm)
1.29"
(32.8 mm)
0.84"
(21.3 mm)
0.50"
(12.7 mm)
Dimensional Data
General Information:
• Single pole block.
• Single pole blocks lock into each other and can be added
at any time.
• Each has single end barrier. Order end barrier 3742 to
complete block.
• Molded phenolic base; screw terminal; beryllium copper,
bright-dipped clips.
Note: Mounting screw hole diameter is 0.147∑
(3.7mm). Counterbore diameter, 0.314∑
(8.0mm) Max. Mounting Screw No. 6.
End Barrier
Catalog Symbol: 3723
Marking Strip
Length: 9‹Ω•∑ (23.8mm)
Marking Strip


Similar Part No. - 3723

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
3723 ADAFRUIT-3723 Datasheet
856Kb / 2P
On/Off Power Switch with Status Light
8-3-18
logo
List of Unclassifed Man...
37230 ETC2-37230 Datasheet
59Kb / 2P
CORRUGATED IN-PLANT HANDLERS
37231 ETC2-37231 Datasheet
59Kb / 2P
CORRUGATED IN-PLANT HANDLERS
37232 ETC2-37232 Datasheet
59Kb / 2P
CORRUGATED IN-PLANT HANDLERS
37233 ETC2-37233 Datasheet
59Kb / 2P
CORRUGATED IN-PLANT HANDLERS
More results

Similar Description - 3723

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
4164 COOPER-4164 Datasheet
34Kb / 1P
Limiter Fuseblocks
1BS101 COOPER-1BS101 Datasheet
76Kb / 1P
Modular Fuseblocks
J60100-1STR COOPER-J60100-1STR Datasheet
160Kb / 2P
Class J Fuseblocks
FWH-100A COOPER-FWH-100A Datasheet
61Kb / 2P
Modular Fuseblocks
logo
Axiomtek Co., Ltd.
AX93338 AXIOMTEK-AX93338 Datasheet
155Kb / 1P
Add-on Cards
logo
HARTING Technology Grou...
09-99-000-0994 HARTING-09-99-000-0994 Datasheet
625Kb / 1P
Add-on Battery for 0990
2021-10-01
logo
Advantech Co., Ltd.
AIMB-RP10P-01A1E ADVANTECH-AIMB-RP10P-01A1E_V01 Datasheet
892Kb / 2P
Riser Cards & Add on Cards
30-Aug-2017
logo
Renesas Technology Corp
HA5013 RENESAS-HA5013 Datasheet
380Kb / 14P
PC Add-On Multimedia Boards
November 2004
logo
Digital View Ltd
416017100-3 DIGITALVIEW-416017100-3 Datasheet
658Kb / 2P
Audio 5W Add-on Board
416940020-3 DIGITALVIEW-416940020-3 Datasheet
62Kb / 2P
Audio Add-on Board
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com