Electronic Components Datasheet Search
  English  ▼

X  

WM7236 Datasheet(PDF) 1 Page - Cirrus Logic

Part # WM7236
Description  Low Power Bottom Port Digital Silicon Microphone
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM7236 Datasheet(HTML) 1 Page - Cirrus Logic

  WM7236 Datasheet HTML 1Page - Cirrus Logic WM7236 Datasheet HTML 2Page - Cirrus Logic WM7236 Datasheet HTML 3Page - Cirrus Logic WM7236 Datasheet HTML 4Page - Cirrus Logic WM7236 Datasheet HTML 5Page - Cirrus Logic WM7236 Datasheet HTML 6Page - Cirrus Logic WM7236 Datasheet HTML 7Page - Cirrus Logic WM7236 Datasheet HTML 8Page - Cirrus Logic WM7236 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Low Power Bottom Port Digital Silicon Microphone
http://www.cirrus.com
Copyright
 Cirrus Logic, Inc., 2014–2016
(All Rights Reserved)
Rev 4.0
MAY
‘16
WM7236E
DESCRIPTION
The WM7236 is a low-profile digital silicon microphone,
optimised for use with low-
power ‘Always-on’ voice control
applications,
such
as
Cirrus
Logic®
SoundClear
™
software.
The WM7236 supports two operational modes, selected
according to the applied clock frequency. ‘Voice’ mode
provides low current consumption, and sufficient SNR
performance for speech recognition algorithms. ‘Hi-Fi
Record’ mode offers wide dynamic range, and class-
leading THD performance. Operation in the ultrasonic
band is also supported at high clock frequencies.
The
WM7236
incorporates
Cirrus
Logic
proprietary
CMOS/MEMS
membrane
technology,
offering
high
reliability and high performance in a miniature, low-profile
package. The WM7236 is designed to withstand the high
temperatures associated with automated flow solder
assembly processes. (Note that conventional microphones
can be damaged by this process.)
The WM7236 incorporates a high-performance ADC,
which outputs a single-bit data stream using Pulse Density
Modulation (PDM) encoding. The WM7236 supports
selectable left/right channel assignment for a two-channel
digital microphone interface, enabling efficient connection
of multiple microphones in stereo/array configurations.
The WM7236 offers tight tolerance on the microphone
sensitivity, giving reduced variation between parts. This
removes the need for in-line production calibration of part-
to-part microphone variations.
FEATURES
High SNR (63dB)
Low variation in sensitivity (±1dB tolerance)
Low current consumption
-
10
μA (Sleep)
-
290
μA (Voice mode)
-
980
μA (Hi-Fi Record mode)
PDM digital audio output
Stereo/array operation
Proprietary ADC technology
-
Reduced clock-jitter sensitivity
-
Low noise floor
-
Stable in overload condition
Bottom Port LGA Package
1.62V to 2.0V supply
APPLICATIONS
Mobile telephone handsets
Wearable devices
Portable media players
Digital cameras
Tablets and laptop computers
BLOCK DIAGRAM
AMP
CMOS MEMS
Transducer
VDD
DAT
CHARGE
PUMP
GND
ADC
CONTROL
CLK
LRSEL
WM7236
3D VIEW
4.00mm x 3.00mm x 1.00mm LGA package


Similar Part No. - WM7236

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM7236E CIRRUS-WM7236E Datasheet
737Kb / 14P
Low Power Bottom Port Digital Silicon Microphone
More results

Similar Description - WM7236

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM7130A WOLFSON-WM7130A Datasheet
340Kb / 12P
Bottom Port Analogue Silicon Microphone
WM7230 WOLFSON-WM7230 Datasheet
320Kb / 12P
Bottom Port Digital Silicon Microphone
WM7133L WOLFSON-WM7133L Datasheet
296Kb / 13P
Bottom Port Analogue Silicon Microphone
WM7231 WOLFSON-WM7231 Datasheet
292Kb / 14P
Bottom Port Digital Silicon Microphone
logo
Cirrus Logic
WM7236E CIRRUS-WM7236E Datasheet
737Kb / 14P
Low Power Bottom Port Digital Silicon Microphone
WM7132 CIRRUS-WM7132 Datasheet
727Kb / 12P
Bottom Port Analog Silicon Microphone
WM7216 CIRRUS-WM7216 Datasheet
739Kb / 14P
Low Power Top Port Digital Silicon Microphone
WM7331 CIRRUS-WM7331 Datasheet
787Kb / 12P
Bottom Port Analog Silicon Microphone
WM7216E CIRRUS-WM7216E Datasheet
739Kb / 14P
Low Power Top Port Digital Silicon Microphone
logo
Knowles Electronics
SPH18R1LM4H-1 KNOWLES-SPH18R1LM4H-1 Datasheet
3Mb / 12P
LOW-POWER MULTIMODE DIGITAL BOTTOM PORT SISONIC™ MICROPHONE
Rev 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com