Electronic Components Datasheet Search
  English  ▼

X  

WM8215 Datasheet(PDF) 4 Page - Cirrus Logic

Part # WM8215
Description  60MSPS 10-bit 3-Channel CCD Digitiser
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8215 Datasheet(HTML) 4 Page - Cirrus Logic

  WM8215 Datasheet HTML 1Page - Cirrus Logic WM8215 Datasheet HTML 2Page - Cirrus Logic WM8215 Datasheet HTML 3Page - Cirrus Logic WM8215 Datasheet HTML 4Page - Cirrus Logic WM8215 Datasheet HTML 5Page - Cirrus Logic WM8215 Datasheet HTML 6Page - Cirrus Logic WM8215 Datasheet HTML 7Page - Cirrus Logic WM8215 Datasheet HTML 8Page - Cirrus Logic WM8215 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
WM8215
Production Data
w
PD, Rev 4.3, September 2012
4
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
RSMP
Digital input
Reset sample pulse (when CDS=1) or clamp control
2
MCLK
Digital input
Master (ADC) clock. This clock determines the ADC conversion rate.
3
DGND
Supply
Digital ground.
4
SEN
Digital input
Enables the serial interface when high.
5
DVDD2
Supply
Digital supply, all digital I/O pins.
6
SDI
Digital input
Serial data input.
7
SCK
Digital input
Serial clock.
8
NC
No connect
No internal connection.
9
NC
No connect
No internal connection.
Digital output data bus. ADC output data (d9:d0) is available in 10-bit parallel
format.
10
OP[0]
Digital output
d0 (LSB)
11
OP[1]
Digital output
d1
12
OP[2]
Digital output
d2
13
OP[3]
Digital output
d3
14
OP[4]
Digital output
d4
15
OP[5]
Digital output
d5
16
OP[6]
Digital output
d6
17
OP[7]
Digital output
d7
18
OP[8]
Digital output
d8
19
OP[9]/SDO
Digital output
d9 (MSB)
Alternatively, pin OP[9]/SDO may be used to output register read-back data when
OEB=0, OPD(register bit)=0 and SEN has been pulsed high. See Serial Interface
description in Device Description section for further details.
20
AVDD
Supply
Analogue supply. This must be operated at the same potential as DVDD1.
21
AGND1
Supply
Analogue ground.
22
VRB
Analogue output
Lower reference voltage.
This pin must be connected to AGND via a decoupling capacitor.
23
VRT
Analogue output
Upper reference voltage.
This pin must be connected to AGND via a decoupling capacitor.
24
VRX
Analogue output
Input return bias voltage.
This pin must be connected to AGND via a decoupling capacitor.
25
VRLC/VBIAS
Analogue I/O
Selectable analogue output voltage for RLC or single-ended bias reference.
This pin would typically be connected to AGND via a decoupling capacitor.
VRLC can be externally driven if programmed Hi-Z.
26
BINP
Analogue input
Blue channel input video.
27
GINP
Analogue input
Green channel input video.
28
RINP
Analogue input
Red channel input video.
29
AGND2
Supply
Analogue ground.
30
DVDD1
Supply
Digital supply for logic and clock generator. This must be operated at the same
potential as AVDD.
31
OEB
Digital input
Output Hi-Z control. All digital outputs set to high-impedance state when input pin
OEB=1 or register bit OPD=1.
32
VSMP
Digital input
Video sample pulse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com