Electronic Components Datasheet Search
  English  ▼

X  

15968 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # 15968
Description  Battery Disconnect Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

15968 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  15968 Datasheet HTML 1Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
The only controlled copy of this BIF document is the electronic read-only version located on the Bussmann Network Drive. All other copies of this BIF document are by definition uncontrolled. This bulletin is intended to
clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change design or construction of any prod-
ucts and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once a product has been selected, it
should be tested by the user in all possible applications.
Battery Disconnect Switch
Series 15968
Form No. 15968
Page 1 of 1
BIF Document: 2076
Bussmann®
SB98107
12-16-98
SPECIFICATIONS
Ratings: 50 VAC or VDC max; 400A continuous. Vehicle
cranking and max. surge currents to 2000A (based on
20% duty cycle with ON times of 5 seconds max.).
Operating Temperature: 300°F (150°C) max.
Storage Temperature: –40°F (–40°C) to 150°F (65°C).
Applications: A non-fused current interrupt
disconnect designed for opening the circuit between
a battery and the complete electrical load of a battery
powered system.
Options: Without mounting brackets — order Part No.
13969. For sealed version and other special options,
consult factory.
ON
ON
OFF
3.81"
(96.8)
1.56"
(39.7)
.50"
(12.7)
2.75"
(69.8)
Ref.
Point A
5.5"
(139.7)
7.0"
(177.8)
8.0"
(203.2)
4.19"
(106.4)
3.5"
(88.9)
3.0"
(76.2)
.59"
(15.1)
4.87"
(123.8)
2.44"
(61.9)
1.25"
(31.7)
3.12"
(79.4)
Ref. Point A
Ref. Point A
Ref. Point A
3.00"
(76.2)
4.50"
(114.3)
15968-1
15968-2
15968-3
Dimensions:
Rev. A
SB98107
12-16-98


Similar Part No. - 15968

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
159680 FESTO-159680 Datasheet
98Kb / 2P
Air solenoid valve
logo
Molex Electronics Ltd.
1596803 MOLEX11-1596803 Datasheet
40Kb / 1P
PCIe Guide Frame
logo
Festo Corporation.
159681 FESTO-159681 Datasheet
96Kb / 2P
Air solenoid valve
159682 FESTO-159682 Datasheet
97Kb / 2P
Air solenoid valve
159683 FESTO-159683 Datasheet
96Kb / 2P
Air solenoid valve
More results

Similar Description - 15968

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4720CY VISHAY-SI4720CY Datasheet
72Kb / 8P
Battery Disconnect Switch
21-Jul-97
SI9717 VISHAY-SI9717 Datasheet
41Kb / 3P
Battery Disconnect Switch
19-Apr-04
SI4719CY VISHAY-SI4719CY Datasheet
80Kb / 8P
Battery Disconnect Switch
31-Aug-98
SI4710CY VISHAY-SI4710CY Datasheet
78Kb / 9P
Battery Disconnect Switch
20-Dec-98
SI9718CY VISHAY-SI9718CY Datasheet
64Kb / 3P
Battery Disconnect Switch
05-Apr-99
SI4720 VISHAY-SI4720 Datasheet
123Kb / 10P
Battery Disconnect Switch
13-Jun-11
SI9717CY VISHAY-SI9717CY Datasheet
86Kb / 3P
Battery Disconnect Switch
05-Apr-99
SI4720 VISHAY-SI4720_V01 Datasheet
113Kb / 10P
Battery Disconnect Switch
13-Jun-11
logo
Littelfuse
24024 LITTELFUSE-24024 Datasheet
380Kb / 1P
24024 SERIES BATTERY DISCONNECT SWITCH
2018 Rev: 121818
75920 LITTELFUSE-75920 Datasheet
216Kb / 2P
36V MASTER BATTERY DISCONNECT SWITCH
2022 Littelfuse, Inc. 072022-A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com