Electronic Components Datasheet Search
  English  ▼

X  

AH284 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AH284
Description  Hall-Effect Smart Fan Motor Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AH284 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  AH284 Datasheet HTML 1Page - List of Unclassifed Manufacturers AH284 Datasheet HTML 2Page - List of Unclassifed Manufacturers AH284 Datasheet HTML 3Page - List of Unclassifed Manufacturers AH284 Datasheet HTML 4Page - List of Unclassifed Manufacturers AH284 Datasheet HTML 5Page - List of Unclassifed Manufacturers AH284 Datasheet HTML 6Page - List of Unclassifed Manufacturers AH284 Datasheet HTML 7Page - List of Unclassifed Manufacturers AH284 Datasheet HTML 8Page - List of Unclassifed Manufacturers AH284 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AH284
Hall-Effect Smart Fan Motor Controller
Anachip Corp.
www.anachip.com.tw
Rev 0.5 Jan 17, 2005
7/9
Package Information
(1)SIP-4L
Active Area Depth
Package Sensor Location
Marking side
0.7mm
1.97mm
1.04mm
123
4
Package Dimension
14.25mm
+/-1.25mm
1.03mm
+/-0.1
1.55mm
+/-0.1mm
0.38mm
+/-0.03mm
3.65mm
+/-0.1mm
1.42mm+/-0.1mm
1.27mm
+/-0.03mm
0.41mm
+/-0.03mm
0.30mm
+/-0.1mm
0.46mm +/-0.03mm
0.2mm Max.
5
o
-7
o
o
3
o
-5
o
3
o-5
5
o
-7
o



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com