Electronic Components Datasheet Search
  English  ▼

X  

64300 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # 64300
Description  Welder Limiters Class H and J Fuseholders
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

64300 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  64300 Datasheet HTML 1Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Welder Limiters
68000 & 64000
Class H and J Fuseholders
Series
Form No. Welder Limiter
Page 1 of 1
BIF Doc #1045
Bussmann®
12-28-98
SB98107
Rev. A
Catalog Symbol: 68150, 68200, 68300, 68400, 68600,
64200, 64300, 64400, and 64600
Welder Limiters
Voltage Rating: 600 Volts AC or less; 200,000 AIC
A
B
E
K
J
C
F
D
H
G
The only controlled copy of this BIF document is the electronic read-only version located on the Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin
is intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change
design or construction of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information con-
tained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Dimensional Data
General Information:
• Current-limiting devices designed specially for use on welder
circuits only.
• Time-current characteristics are designed to hold on the inter-
mittent overloading encountered in welder operation, while pro-
viding short-circuit protection to the circuit and equipment.
• Welder limiters have excess current capacity in the operating
range as needed for this type of service.
• Because of the special characteristics of the welder limiters,
they are not intended for application on general-use circuits.
Type
Catalog
Amp Rating
Dimensions in Inches
Carton
Weight
Fuseholder Number
(Nominal)
A
B
C
D
E
F
G
H
J
K
Qty.
Lbs.
Kg.
68150
150
9.63
—
—
1.5
3.31
—
1.25
0.19
—
—
1
1.40
0.63
68200
200
Class H
68300
300
11.63
—
—
2.0
4.31
—
1.63
0.25
—
—
1
2.75
1.25
68400
400
68600
600
13.38
—
—
2.5
5.16
—
2.0
0.25
—
—
1
4.25
1.92
64200
200
5.75
3.0
4.38
1.5
1.38
0.69
1.125
0.19
0.28
0.38
1
1.00
0.45
Class J
64300
300
7.125
3.38
5.25
2.0
1.88
0.94
1.63
0.25
0.41
0.53
1
1.75
0.79
64400
400
7.125
3.38
5.25
2.0
1.88
0.94
1.63
0.25
0.41
0.53
1
1.75
0.79
64600
600
8.0
3.75
6.0
2.5
2.125
1.0
2.0
0.38
0.53
0.34
1
3.50
1.59


Similar Part No. - 64300

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
6430 TEKTRONIX-6430 Datasheet
293Kb / 4P
Sub-femtoamp Remote SourceMeter짰 SMU Instrument
logo
Christian Bürkert GmbH ...
6430 BURKERT-6430 Datasheet
1Mb / 19P
Piston valve, 3/2-way, servo-assisted
15.01.2024
logo
Alpha Wire
6430 ALPHAWIRE-6430 Datasheet
410Kb / 4P
18 (19/30) AWG Tinned Copper
logo
TEKTRONIX, INC
6430 KEITHLEY-6430 Datasheet
292Kb / 4P
Sub-femtoamp Remote SourceMeter SMU Instrument
6430-322-1B KEITHLEY-6430-322-1B Datasheet
292Kb / 4P
Sub-femtoamp Remote SourceMeter SMU Instrument
More results

Similar Description - 64300

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
J60100-1STR COOPER-J60100-1STR Datasheet
160Kb / 2P
Class J Fuseblocks
J60060-1CR COOPER-J60060-1CR Datasheet
160Kb / 2P
Class J Fuseblocks
logo
Thinki Semiconductor Co...
L4204S THINKISEMI-L4204S Datasheet
690Kb / 3P
Inversion Welder
MM4202 THINKISEMI-MM4202 Datasheet
758Kb / 3P
Inversion Welder
logo
Cooper Bussmann, Inc.
JT60030 COOPER-JT60030 Datasheet
424Kb / 2P
Class J (Finger-Safe) Fuseholders
J-63 COOPER-J-63 Datasheet
372Kb / 2P
Class H (K), J and R ferrule and blade fuse reducers
HM25030-1CR COOPER-HM25030-1CR Datasheet
3Mb / 8P
Class H(K), J and R modular ferrule fuse blocks
UHJ-M COOPER-UHJ-M Datasheet
716Kb / 6P
250V and 600V cable limiters
JP60030-3PR COOPER-JP60030-3PR Datasheet
58Kb / 1P
Class J Fuseblocks
logo
Eaton All Rights Reserv...
H-K EATON-H-K Datasheet
547Kb / 2P
Class H/K, J and R ferrule and blade fuse reducers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com