Electronic Components Datasheet Search
  English  ▼

X  

GFA Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # GFA
Description  Sub-Miniature with Leads
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

GFA Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  GFA Datasheet HTML 1Page - Cooper Bussmann, Inc. GFA Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PC Board Fuses
GFA, GLN,
Sub-Miniature with Leads
and GLX
Form No. GFA, GLN, and GLX
Page 1 of 2
BIF Doc #2035
Bussmann®
12-18-98
SB98107
Rev. A
Catalog Symbol: GFA
Sub-Miniature with Axial Leads
Non-Time-Delay
0.145∑ ≈ 0.300∑ (3.7mm ≈ 7.6mm)
Interrupting Rating: 50 AIC
Agency Approvals:
U.L. Recognized, (0-5A) Guide JDYZ2, File 19180
CSA Certified, (0-5A) File 53787, Class 1425-01
Electrical Ratings (Catalog Symbol and Amperes)
125 Volts AC
Amps
Test
Color Code
Amps
Test
Color Code
Spec.
(Opp. Ends)
Spec.
(Opp. Ends)
GFA-⁄Ω™ºº
A
Red
Blk
GFA-‹Ω¡º
A
Grn
Grn
GFA-⁄Ω¡ºº
A
Red
Orn
GFA-›Ω¡º
A
Blu
Blu
GFA-⁄Ω§¢
A
Red
Grn
GFA-⁄Ω™
B
Orn
Grn
GFA-⁄Ω∞º
A
Red
Wht
GFA-flꭧ
B
Orn
Blu
GFA-⁄Ω£™
A
Red
Brn
GFA-‹Ω¢
B
Orn
Pur
GFA-⁄Ω™º
A
Yel
Yel
GFA-1
B
Yel
Grn
GFA-⁄Ω¡§
A
Brn
Brn
GFA-1⁄Ω™
B
Yel
Pur
GFA-⁄Ω¡º
A
Red
Red
GFA-2
B
Grn
Blu
GFA-⁄Ω•
A
Orn
Orn
GFA-2⁄Ω™
B
Grn
Brn
GFA-⁄fiΩ¡ºº
B
Red
Yel
GFA-3
B
Blu
Pur
GFA-¤Ω¡º
B
Red
Blu
GFA-4
B
Pur
Brn
GFA-⁄Ω¢
B
Red
Pur
GFA-5
B
Brn
Blk
32 Volts AC
Amps
Test
Color Code
Amps
Test
Color Code
Spec.
(Opp. Ends)
Spec.
(Opp. Ends)
GFA-7
A
Pur
Grn
GFA-12
A
Blk
Blu
GFA-8
A
Grn
Blk
GFA-15
A
Blk
Pur
GFA-10
A
Yel
Brn
—
General Information:
• Glass tube fuses for protection of subminiature devices.
• Tinned wire leads solder into circuit.
• Withstand high-shock and vibration.
• Color-coded for ampere rating.
• Axial leads (1⁄Ω™∑) can be fed through wire forming machine.
Test Specifications
Wire Lead Size
Opening Time
Load
“A”
“B”
No.
Fuse
100%
4 hrs. (min.)
—
24
⁄/™ºº to 5A
150%
—
10 sec. (max.)
18
6 to 12A
200%
10 sec.
—
16
15A
Carton Quantity and Weight
Ampere
Carton
Weight*
Ratings
Qty.
Lbs.
Kg.
⁄Ω™ºº–15
100
0.171
52.6
*Weight per carton.
Catalog Symbol: GLN
Sub-Miniature with Radial Leads
Non-Time-Delay
0.145∑ ≈ 0.300∑ (3.7mm ≈ 7.6mm)
Interrupting Rating: 50 AIC
Electrical Ratings (Catalog Symbol and Amperes)
125 Volts AC
Amps
Test
Color Code
Amps
Test
Color Code
Spec.
(Opp. Ends)
Spec.
(Opp. Ends)
GLN-⁄Ω¡ºº
A
Red
Orn
GLN-⁄Ω¡º
A
Red
Red
GLN-⁄Ω£™
A
Red
Brn
GLN-‹Ω¡º
A
Grn
Grn
GLN-⁄Ω™º
A
Yel
Yel
GLN-›Ω¡º
A
Blu
Blu
GLN-⁄Ω¡§
A
Brn
Brn
—
32 Volts AC
Amps
Test
Color Code
Amps
Test
Color Code
Spec.
(Opp. Ends)
Spec.
(Opp. Ends)
GLN-7
A
Pur
Grn
GLN-10
A
Yel
Brn
GLN-8
A
Grn
Blk
—
General Information:
• Glass tube fuses for protection of subminiature devices.
• Tinned radial leads spaced for easy assembly on printed
circuit chassis.
• Withstand high-shock and vibration.
• Color-coded for ampere rating.
• Radial leads (1⁄Ω™∑) can be fed through wire forming machine.
Test Specifications
Wire Lead Size
Opening Time
Load
“A”
“B”
No.
Fuse
110%
4 hrs. (min.)
—
24
⁄Ω™ºº to 5A
150%
—
*10 sec. (max.)
18
6A to 10A
200%
*10 sec.
—
—
*Maximum time.
Carton Quantity and Weight
Ampere
Carton
Weight*
Ratings
Qty.
Lbs.
Kg.
⁄Ω¡ºº–10
100
0.171
52.6
*Weight per carton.


Similar Part No. - GFA

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
GFA-1 COOPER-GFA-1 Datasheet
130Kb / 3P
PC Board Fuses - Sub Miniature with Leads GFA, GLN and GLX Series
GFA-132 COOPER-GFA-132 Datasheet
130Kb / 3P
PC Board Fuses - Sub Miniature with Leads GFA, GLN and GLX Series
GFA-3 COOPER-GFA-3 Datasheet
130Kb / 3P
PC Board Fuses - Sub Miniature with Leads GFA, GLN and GLX Series
GFA-310 COOPER-GFA-310 Datasheet
130Kb / 3P
PC Board Fuses - Sub Miniature with Leads GFA, GLN and GLX Series
logo
Green Power Solutions s...
GFA0002-00 GPSEMI-GFA0002-00 Datasheet
208Kb / 2P
LINE FILTER FOR PHASE CONTROLLED CONVERTERS
More results

Similar Description - GFA

ManufacturerPart #DatasheetDescription
logo
HAMLIN Position and Mov...
59010-I-S-01-A HAMLIN-59010-I-S-01-A Datasheet
42Kb / 1P
Sub-Miniature Firecracker
logo
E-SWITCH
TL3313 E-SWITCH-TL3313 Datasheet
71Kb / 1P
SUB-MINIATURE TACTILE
logo
Cooper Bussmann, Inc.
GFA-1 COOPER-GFA-1 Datasheet
130Kb / 3P
PC Board Fuses - Sub Miniature with Leads GFA, GLN and GLX Series
GLX-3 COOPER-GLX-3 Datasheet
130Kb / 2P
PC Board Fuses - Sub Miniature with Leads GFA, GLN and GLX Series
GLX-2 COOPER-GLX-2 Datasheet
130Kb / 2P
PC Board Fuses - Sub Miniature with Leads GFA, GLN and GLX Series
logo
Cherry Semiconductor Co...
DJ CHERRY-DJ Datasheet
318Kb / 2P
SUB-SUB- MINIATURE SWITCH
DK CHERRY-DK Datasheet
399Kb / 2P
SUB-SUB- MINIATURE SWITCH
DR CHERRY-DR Datasheet
358Kb / 2P
SUB-SUB MINIATURE SWITCH
SJ CHERRY-SJ Datasheet
330Kb / 2P
SUB-SUB- MINIATURE SWITCH
SK CHERRY-SK Datasheet
432Kb / 2P
SUB-SUB- MINIATURE SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com