Electronic Components Datasheet Search
  English  ▼

X  

GMT Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # GMT
Description  Fuseholders for Indicating Fuses
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

GMT Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  GMT Datasheet HTML 1Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fuseholders for Indicating Fuses
GMT Type
The only controlled copy of this BIF document is the electronic read-only version located on the Bussmann Network Drive. All other copies of this BIF document are by definition uncontrolled.This bulletin is intended to
clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change design or construction of any
products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once a product has been select-
ed, it should be tested by the user in all possible applications.
DimensionalData
CATALOGSYMBOL: HLS,HLT,PCT
FUSEHOLDERSFORGMTTYPEINDICATINGFUSES
ELECTRICALRATING–60VDC,125VAC
ULRECOGNIZED(GUIDE#IZLT2,FILEE14853)
15AMP(60VDC)
Materials:
Body:
Thermosplastic,UL94V0flammabilityrating
Terminals: Tin-platedbifrucatedcopper
ForusewithGMTTypeIndicatingFuses
*AngleBarmountsoncommonorcenterterminalsonly.
†Minimumof4PolesRequired.
**SLVersionisnotavailablewithbusbars.
B1(AngleBarOnly)*
B2("L"BarOnly)
B3("U"BarOnly)
B5("L"&"U"Bars)
B4(Angle&"L"Bars)
MultipleFuseholderswithbusbars
OrderingInformation–CatalogNo.
BodyStyle
HLT
HLS(Noflanges)
No.of Poles01thru25
(Min.of2polesrequiredforbusbars)
Typeofbusbarsused
B1*,B2,B3,
B4,B5,SL**(ShortLeads.135")
ML**(MediumLeads.250")
**Notavailablewithbusbars
TerminationLocation
B(Bothends)
L(Leftonly) R(Rightonly)
BusBarPosition
P4(Outside–
LeftOnly)
P3(Outside–
RightOnly)
P2(Outside–
BothSides)
P1†
(Inside–
BothSides)
0.31" Approx.
(7.7mm)
0.15"
(3.8mm)
0.25"
(6.4mm)
0.41"
(10.3mm)
0.15"
(3.8mm)
0.08"
(2.0mm)
0.25"
(6.4mm)
HLS
HLS-F
HLS-C
Printed Circuit Board Application
Shown With GMT Fuse Installed
0.84"
(21.4mm)
0.64"
(16.3mm)
1.02"
(25.9mm)
0.84"
(21.3mm)
0.64"
(16.3mm)
0.45"
(11.4mm)
0.11"
(2.8mm)
0.19"
(4.8mm)
PCT-A
PCT
0.13"
(3.2mm)
HLT-F
HLT-D
Wire Wrap Terminal
0.025" x 0.063"
(0.64mm) (1.6mm)
0.13"
(3.2mm)
0.64"
(16.3mm)
1.02"
(25.9mm)
HLT
Fuse Terminal
Alarm Terminal
Note: Similar Body Dimensions
of All Holders Are Identical.
1.21"
(30.8mm)
Panel Mounting Data
0.86"
(21.8mm)
0.27
"
(6.7mm)
0.15"
(3.8mm) Dia.
0.16"
(3.9mm) Dia.
.09" Dia. Holes
(2.4mm) (3 Holes Per Poles of Fuseholder)
0.25"
x "A" Spaces
(6.4mm)
Tolerance to be non-accumulative
.041"
(10.4mm)
0.25"
(6.4mm)
0.84"
(21.4mm)
0712
BU-SB12567
Page 1 of 1
Data Sheet 5010


Similar Part No. - GMT

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
GMT EATON-GMT Datasheet
375Kb / 2P
Fast-acting indicating fuse 60 volts dc, 125 volts ac
logo
Cooper Bussmann, Inc.
GMT COOPER-GMT Datasheet
52Kb / 2P
Fast-Acting Indicating Fuse 60 Volts DC, 125 Volts AC
Rev. A
GMT 10 COOPER-GMT 10 Datasheet
52Kb / 2P
Fast-Acting Indicating Fuse 60 Volts DC, 125 Volts AC
Rev. A
logo
Eaton All Rights Reserv...
GMT 2 EATON-GMT 2 Datasheet
374Kb / 2P
Fast-acting indicating fuse 60 volts dc, 125 volts ac
July 2008
GMT-1 1/2 A EATON-GMT-1 1/2 A Datasheet
374Kb / 2P
Fast-acting indicating fuse 60 volts dc, 125 volts ac
July 2008
More results

Similar Description - GMT

ManufacturerPart #DatasheetDescription
logo
Littelfuse
281 LITTELFUSE-281 Datasheet
181Kb / 1P
Fuseholders - For MicroTM Fuse or Pico II Fuses
282 LITTELFUSE-282 Datasheet
90Kb / 1P
Fuseholders - For MicroTM Fuse Plug-In Fuses
340 LITTELFUSE-340 Datasheet
53Kb / 1P
Fuseholders - For 3AG Fuses
342 LITTELFUSE-342 Datasheet
104Kb / 1P
Fuseholders - For 3AG Fuses
344 LITTELFUSE-344 Datasheet
92Kb / 1P
Fuseholders - For 3AG Fuses
logo
Cooper Bussmann, Inc.
HLS-06 COOPER-HLS-06 Datasheet
128Kb / 1P
Fuseholders for Indicating Fuses
HLS-10 COOPER-HLS-10 Datasheet
128Kb / 1P
Fuseholders for Indicating Fuses
FHL10U COOPER-FHL10U Datasheet
58Kb / 1P
Military Fuseholders Panel Mount-Lamp Indicating
HGA-CR COOPER-HGA-CR Datasheet
58Kb / 1P
Military Fuseholders Panel Mount-Lamp Indicating
FHL12U COOPER-FHL12U Datasheet
51Kb / 1P
Military Fuseholders Panel Mount-Lamp Indicating
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com