Electronic Components Datasheet Search
  English  ▼

X  

HHX Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # HHX
Description  Fuseholders
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

HHX Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  HHX Datasheet HTML 1Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3.35"
6.70"
6.70"
1.37"
.265" DIA. HOLE
Description
• In-Line Fuseholders for MAXI® Fuses.
• Voltage Rating: 32Vdc maximum
• Current Rating: See Table
• Firewall mounting hole permits two or more holders to
be mounted together. Cover comes with a removable
strap.
Ordering
• Specify packaging and product code
PACKAGING CODE
Packaging Code
Description
BK
100 pieces in a box
MAXI® Fuse Blade Type Holder
Catalog
Electrical
Maximum Continuous
Code
Description
Fuse Size
Connection
Current Rating
HHX
Black fuseholder w/cover
#6 red lead wire;
HHX-B
Black fuseholder - Body only
20-60A
5" length with blunt ends
48A*
HHX-C
Black cover only
* or 80% of fuse rating, whichever is less
A fuse must be properly and fully inserted into the holder to provide a solid connection. Poor or
improper insertion of the fuse can result in failure of the fuse and holder, thus not protecting the
device for which it was intended.
MAXI® Fuseholders
HHX
Visit us on the web at:
www.cooperbussmann.com
OC-2600
3/07
© Cooper Electronic
Technologies 2007
Cooper Electronic Technologies
1225 Broken Sound Parkway NW
Suite F
Boca Raton, FL 33487-3533
Tel: 1-561-998-4100
Fax: 1-561-241-6640
Toll Free: 1-888-414-2645
Cooper Bussmann
P.O. Box 14460
St. Louis, MO 63178-4460
Tel: 1-636-394-2877
Fax: 1-800-544-2570
Cooper Electronic Technologies
Cooper (UK) Limited
Burton-on-the-Wolds
Leicestershire • LE12 5TH UK
Tel: +44 (0) 1509 882 737
Fax: +44 (0) 1509 882 786
Cooper Electronic Technologies
Avda. Santa Eulalia, 290
08223
Terrassa, (Barcelona), Spain
Tel: +34 937 362 812
+34 937 362 813
Fax: +34 937 362 719
Asia Pacific
Cooper Electronic Technologies
1 Jalan Kilang Timor
#06-01 Pacific Tech Centre
Singapore 159303
Tel: +65 278 6151
Fax: +65 270 4160
North America
Europe
RoHS
2002/95/EC


Similar Part No. - HHX

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HHX COOPER-HHX Datasheet
59Kb / 1P
MAXI짰 Fuseholders
HHX-B COOPER-HHX-B Datasheet
59Kb / 1P
MAXI짰 Fuseholders
HHX-C COOPER-HHX-C Datasheet
59Kb / 1P
MAXI짰 Fuseholders
logo
United Chemi-Con, Inc.
HHXA160ARA151 CHEMI-CON-HHXA160ARA151 Datasheet
451Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
logo
List of Unclassifed Man...
HHXA160ARA151MF80G ETC2-HHXA160ARA151MF80G Datasheet
283Kb / 2P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
More results

Similar Description - HHX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
519 LITTELFUSE-519 Datasheet
89Kb / 1P
MINIATURE FUSEHOLDERS
647 LITTELFUSE-647 Datasheet
91Kb / 1P
MINIATURE FUSEHOLDERS
658 LITTELFUSE-658 Datasheet
146Kb / 1P
MINIATURE FUSEHOLDERS
logo
Dubilier
DBCFH14 DUBILIER-DBCFH14 Datasheet
100Kb / 1P
FUSEHOLDERS PANEL MOUNTING FUSEHOLDERS
logo
Elektron Components Ltd...
FX0430 BULGIN-FX0430 Datasheet
1Mb / 18P
FUSEHOLDERS
logo
Littelfuse
02982001Z LITTELFUSE-02982001Z Datasheet
120Kb / 1P
Fuseholders
1520007Z LITTELFUSE-1520007Z Datasheet
89Kb / 1P
Fuseholders
153002 LITTELFUSE-153002 Datasheet
191Kb / 2P
FUSEHOLDERS
04450715H LITTELFUSE-04450715H Datasheet
64Kb / 1P
Fuseholders
03450101HX010 LITTELFUSE-03450101HX010 Datasheet
204Kb / 3P
Fuseholders
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com