Electronic Components Datasheet Search
  English  ▼

X  

HPC-D Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # HPC-D
Description  Panel-Mount Fuseholder
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

HPC-D Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  HPC-D Datasheet HTML 1Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Catalog Symbol: HPC-D
Panel-Mount
Agency Information:
UL Recognized, Guide IZLT2, File E14853
Flammability Rating: UL 94 HB
Panel-Mount Fuseholder
HPC-D
For ⁄‹Ω£™∑ ≈ 1⁄Ω™∑ Fuses
Form No. HPC-D
Page 1 of 1
Data Sheet: 2109
Bussmann®
1.775"
(45.1mm)
0.180"
(4.6mm)
1.120"
(30.5mm)
0.88"
(22.2mm)
2.48" Max.
(63.1mm)
SE
With Fuse
1.031" + 0.003"
(26.2mm + 0.08mm)
0.187" + 0.002"
(4.75mm + 0.05mm)
Mounting Hole
Flange Rear of Panel
+
+
0.890"
0.003"
(22.6mm
0.08mm)
1.312" + 0.003"
(33.3mm + 0.08mm)
1.312" + 0.003"
(33.3mm + 0.08mm)
Mounting Hole
Flange Front of Panel
The only controlled copy of this Data Sheet is the electronic read-only version located on the Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is
intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change
design or construction of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information con-
tained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Dimensional Data: All other dimensions (±0.015).
Electrical Ratings
Catalog
Symbol
Amps
Volts AC
Description
HPC-D
30(3)
600
(1)No UL Recognition
(3)20A max when used with quick-connect terminals.
Replacement knob -BK/9987SA
General Information:
• Screw-type knob.
• Supplied with “O”-ring and panel gasket.
• Military version designated FHN23W.
• Do not put tension on line (rear) terminal.
CE logo denotes compliance with European Union Low Voltage Directive
(50-1000Vac, 75-1500Vdc). Refer to Data Sheet: 8002 or contact
Bussmann Application Engineering at 314-527-1270 for more information.
6-3-04
SB04184
Maximum panel thickness, mounting flange in front of panel
Assumes Pollution Degree 3 per UL 840:
Conductive pollution, or dry, nonconductive pollution that
becomes conductive due to condensation that is expected.
Maximum panel thickness
not including any sealing gaskets.
System Voltage
600V
480
277
240
120
Fuseholder
mm Inches mm Inches mm Inches mm Inches mm Inches
HPC-D
**
**
0.87 1/32” 5.14 3/16” 5.69 7/32” 7.17 9/32”
Thicker panels may be used if fuse holder load terminal is fully insulated, using a
UL recognized (VW-1) insulative heat-shrink tubing, or if anticipated environment
is of Pollution Degree 1 or 2, or if panel is nonconductive.
Pollution Degree 2- Normally, only nonconductive pollution. However, a temporary
conductivity caused by condensation may be expected.
Pollution Degree 1- No pollution or only dry, nonconductive pollution.
The pollution has no influence.
Maximum panel thickness, mounting flange behind the panel:
5.08mm/0.200” (flush to knob collar)


Similar Part No. - HPC-D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
HPC-DEV-IBMA NSC-HPC-DEV-IBMA Datasheet
362Kb / 30P
High-Performance Communications MicroController
HPC-DEV-IBMC NSC-HPC-DEV-IBMC Datasheet
362Kb / 30P
High-Performance Communications MicroController
HPC-DEV-ISE2 NSC-HPC-DEV-ISE2 Datasheet
362Kb / 30P
High-Performance Communications MicroController
HPC-DEV-ISE2-E NSC-HPC-DEV-ISE2-E Datasheet
362Kb / 30P
High-Performance Communications MicroController
HPC-DEV-SUNC NSC-HPC-DEV-SUNC Datasheet
362Kb / 30P
High-Performance Communications MicroController
More results

Similar Description - HPC-D

ManufacturerPart #DatasheetDescription
logo
Littelfuse
01550300 LITTELFUSE-01550300 Datasheet
182Kb / 1P
Blade Fuseholder - Stackable Panel Mount Fuseholder for ATO Style Blade Fuse
logo
List of Unclassifed Man...
L675 ETC2-L675 Datasheet
159Kb / 1P
PANEL FUSEHOLDER BARRIER & PANEL SEALED
logo
Dubilier
DBCFH12 DUBILIER-DBCFH12 Datasheet
92Kb / 1P
FUSEHOLDER PANEL MOUNTING FUSEHOLDERS
logo
Schurter Inc.
FME SCHURTER-FME Datasheet
325Kb / 1P
Fuseholder Open Design, Holder for MSF 125, Panel Mount
logo
Cooper Bussmann, Inc.
HPF COOPER-HPF Datasheet
55Kb / 1P
Panel-Mount Fuseholder with Screw-type Knob
HPG COOPER-HPG Datasheet
52Kb / 1P
Panel-Mount Fuseholder
HPM COOPER-HPM Datasheet
92Kb / 1P
Panel-Mount Fuseholder
HPS COOPER-HPS Datasheet
95Kb / 1P
Panel-Mount Fuseholder with Bayonet-type Knob
HPS2 COOPER-HPS2 Datasheet
64Kb / 1P
Two Pole Panel-Mount Fuseholder
logo
Littelfuse
868-900-010RM LITTELFUSE-868-900-010RM Datasheet
148Kb / 1P
Blade Fuseholders - Stackable Panel Mount Fuseholder
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com