Electronic Components Datasheet Search
  English  ▼

X  

AM24LC21ISA Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AM24LC21ISA
Description  Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AM24LC21ISA Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AM24LC21ISA Datasheet HTML 1Page - List of Unclassifed Manufacturers AM24LC21ISA Datasheet HTML 2Page - List of Unclassifed Manufacturers AM24LC21ISA Datasheet HTML 3Page - List of Unclassifed Manufacturers AM24LC21ISA Datasheet HTML 4Page - List of Unclassifed Manufacturers AM24LC21ISA Datasheet HTML 5Page - List of Unclassifed Manufacturers AM24LC21ISA Datasheet HTML 6Page - List of Unclassifed Manufacturers AM24LC21ISA Datasheet HTML 7Page - List of Unclassifed Manufacturers AM24LC21ISA Datasheet HTML 8Page - List of Unclassifed Manufacturers AM24LC21ISA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AM24LC21
Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
(Preliminary)
Anachip Corp.
www.anachip.com.tw
Rev 0.0 Aug 10, 2002
5/13
Functional description
1.0 Overview
The AM24LC21 operates in two modes, the
transmit-only mode and the bi-directional mode.
There is a separate two wire protocol to support
each mode, each having a separate clock input and
sharing a common data line (SDA). The device
enters the Transmit-Only Mode upon power-up. In
this mode, the device transmits data bits on the
SDA pin in response to a clock signal on the VCLK
pin. The device will remain in this mode until a valid
high to low transition is placed on the SCL input.
When a valid transition on SCL is recognized, the
device will switch into the bi-directional mode. The
only way to switch the device back to the
transmit-only mode is to remove power from the
device.
2.1 Transmit-only mode
The device will power up in the transmit-only mode.
This mode supports a unidirectional two wire
protocol for trans-mission of the contents of the
memory array. This device requires that it be
initialized prior to valid data being sent in the
transmit-only mode (see Initialization Procedure,
below). In this mode, data is transmitted on the
SDA pin in 8 bit bytes, each followed by a ninth, null
bit (see Figure 2-1). The clock source for the
transmit-only mode is provided on the VCLK pin,
and a data bit is output on the rising edge on this
pin. The eight bits in each byte are transmitted most
significant bit first. Each byte within the memory
array will be output in sequence. When the last byte
in the memory array is transmitted, the output will
wrap around to the first location and continue. The
bi-directional mode clock (SCL) pin must be held
high for the device to remain in the transmit-only
mode.
2.2 Initialization procedure
After VCC has stabilized, the device will be in the
transmit-only mode. Nine clock cycles on the VCLK
pin must be given to the device for it to perform
internal synchronization. During this period, the
SDA pin will be in a high impedance state. On the
rising edge of the tenth clock cycle, the device will
output the first valid data bit which will be the most
significant bit of a byte. The device will power up at
an indeterminate byte address. (Figure 2-2).
SCL
SDA
VCLK
T
VHIGH
T
VLOW
T
VAA
T
VAA
B
IT1(LSB)
N
ULL BIT
B
IT7
B
IT8(MSB)
Figure 2-1. Transmit only mode
SCL
SDA
VCLK
V
CC
T
VAA
T
VAA
B
IT8BIT7
11
10
9
8
2
1
T
VPU
H
IGH IMPEDANCE FOR 9 CLOCK CYCLES
Figure 2-2. Device initialization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com