Electronic Components Datasheet Search
  English  ▼

X  

AP1122E Datasheet(PDF) 6 Page - Anachip Corp

Part # AP1122E
Description  1A Low Dropout Positive Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1122E Datasheet(HTML) 6 Page - Anachip Corp

Back Button AP1122E Datasheet HTML 2Page - Anachip Corp AP1122E Datasheet HTML 3Page - Anachip Corp AP1122E Datasheet HTML 4Page - Anachip Corp AP1122E Datasheet HTML 5Page - Anachip Corp AP1122E Datasheet HTML 6Page - Anachip Corp AP1122E Datasheet HTML 7Page - Anachip Corp AP1122E Datasheet HTML 8Page - Anachip Corp AP1122E Datasheet HTML 9Page - Anachip Corp AP1122E Datasheet HTML 10Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
1A Low Dropout Positive Regulator
AP1122
Anachip Corp.
www.anachip.com.tw
Rev.1.0 Oct 21, 2004
6/10
Package Dimension
(1) SOT223
H
E
K
D
B1
e
e1
ß
B
L
Seating Plane
3.7
2.3
1.2
Land Pattern Recommendation (Unit: mm)
ß
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
1.50
1.65
1.80
0.059
0.065
0.071
A1
0.02
0.05
0.08
0.001
0.002
0.003
B
0.60
0.70
0.80
0.024
0.028
0.031
B1
2.80
-
3.40
0.110
-
0.134
c
0.28
0.30
0.32
0.011
0.012
0.013
D
6.30
6.50
6.70
0.248
0.256
0.264
E
3.30
3.50
3.70
0.130
0.138
0.146
e
2.3 Basic
0.091 Basic
e1
4.6 Basic
0.181 Basic
H
6.70
7.00
7.30
0.264
0.276
0.287
L
0.91
1.00
1.10
0.036
0.039
0.043
K
1.50
1.75
2.00
0.059
0.069
0.079
α
0°
5
o
10°
0°
5
o
10°
β
-
13
o
-
-
13
o
-



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com