Electronic Components Datasheet Search
  English  ▼

X  

AM27C256-150PI Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AM27C256-150PI
Description  256 Kilobit (32,768 x 8-Bit) CMOS EPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27C256-150PI Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AM27C256-150PI Datasheet HTML 4Page - Advanced Micro Devices AM27C256-150PI Datasheet HTML 5Page - Advanced Micro Devices AM27C256-150PI Datasheet HTML 6Page - Advanced Micro Devices AM27C256-150PI Datasheet HTML 7Page - Advanced Micro Devices AM27C256-150PI Datasheet HTML 8Page - Advanced Micro Devices AM27C256-150PI Datasheet HTML 9Page - Advanced Micro Devices AM27C256-150PI Datasheet HTML 10Page - Advanced Micro Devices AM27C256-150PI Datasheet HTML 11Page - Advanced Micro Devices AM27C256-150PI Datasheet HTML 12Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AMD
2-42
Am27C256
SWITCHING TEST CIRCUIT
Device
Under
Test
CL
+5.0 V
CL = 100 pF including jig capacitance (30 pF for -55, -70)
6.2 k
Ω
2.7 k
Ω
Diodes = IN3064
or Equivalent
08007H-8
SWITCHING TEST WAVEFORM
2.4 V
0.45 V
2.0 V
0.8 V
2.0 V
0.8 V
Test Points
Input
Output
3 V
0 V
1.5 V
1.5 V
Input
Output
Test Points
AC Testing: Inputs are driven at 2.4 V for a logic “1”
and 0.45 V for a logic “0”. Input pulse
rise and fall times are
≤ 20 ns.
08007H-9
AC Testing: Inputs are driven at 3.0 V for a logic “1”
and 0 V for a logic “0”. Input pulse rise and
fall times are
≤ 20 ns for -55 and -70.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com