Electronic Components Datasheet Search
  English  ▼

X  

AP1122D Datasheet(PDF) 9 Page - Anachip Corp

Part # AP1122D
Description  1A Low Dropout Positive Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1122D Datasheet(HTML) 9 Page - Anachip Corp

Back Button AP1122D Datasheet HTML 2Page - Anachip Corp AP1122D Datasheet HTML 3Page - Anachip Corp AP1122D Datasheet HTML 4Page - Anachip Corp AP1122D Datasheet HTML 5Page - Anachip Corp AP1122D Datasheet HTML 6Page - Anachip Corp AP1122D Datasheet HTML 7Page - Anachip Corp AP1122D Datasheet HTML 8Page - Anachip Corp AP1122D Datasheet HTML 9Page - Anachip Corp AP1122D Datasheet HTML 10Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
1A Low Dropout Positive Regulator
AP1122
Anachip Corp.
www.anachip.com.tw
Rev.1.0 Oct 21, 2004
9/10
(4) TO220
A
J1
F
C
E
b
e
e1
b1
ΦP
H1
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
3.55
4.20
4.85
0.140
0.165
0.191
b1
1.14
1.46
1.78
0.045
0.057
0.070
b
0.51
0.83
1.14
0.020
0.033
0.045
C
0.31
0.72
1.14
0.012
0.028
0.045
D
14.20
15.35
16.50
0.559
0.604
0.650
E
9.70
10.20
10.70
0.382
0.402
0.421
e
2.29
2.54
2.79
0.090
0.100
0.110
e1
4.83
5.08
5.33
0.190
0.200
0.210
F
0.51
0.95
1.40
0.020
0.037
0.055
H1
5.84
6.35
6.86
0.230
0.250
0.270
J1
2.03
2.48
2.92
0.080
0.098
0.115
L
12.72
13.72
14.72
0.501
0.540
0.580
L1
3.66
5.00
6.35
0.144
0.197
0.250
øP
3.53
3.81
4.09
0.139
0.150
0.161
Q
2.54
2.98
3.43
0.100
0.117
0.135



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com