Electronic Components Datasheet Search
  English  ▼

X  

CRS Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # CRS
Description  High Power Anti-Surge Chip Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CRS Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  CRS Datasheet HTML 1Page - Bourns Electronic Solutions CRS Datasheet HTML 2Page - Bourns Electronic Solutions CRS Datasheet HTML 3Page - Bourns Electronic Solutions CRS Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
CRSSeries-HighPowerAnti-SurgeChipResistor
SolderingProfile
0
50
100
150
200
250
300
010
50
100
150
200
250
Time(seconds)
60-120seconds
10-15
seconds
245°Cpeak
190°C
How to Order
CRS 2512 - F X - 24R3 E LF
Model
CRS = Anti-Surge Chip Resistor
Size
0805
1206
2010
2512
Resistance Tolerance
F = ±1 %
J = ±5 %
TCR
X = ±100 PPM/°C
W = ±200 PPM/°C
Resistance Value
1% Tolerance:
<100 ohms ..... “R” represents decimal point (example: 24R3 = 24.3 ohms)
≥100 ohms...... First three digits are significant, fourth digit represents number of zeros to follow
(example: 8252 = 82.5K ohms)
5% Tolerance:
<10 ohms ....... “R” represents decimal point (example: 4R7 = 4.7 ohms)
≥10 ohms........ First two digits are significant, third digit represents number of zeros to follow
(example: 474 = 470K ohms)
Packaging
E = 5,000 pieces per 7-inch reel (CRS0805, CRS1206)
4,000 pieces per 7-inch reel (CRS2010, CRS2512)
Termination
LF = Tin-plated (RoHS Compliant)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com