Electronic Components Datasheet Search
  English  ▼

X  

CRT Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CRT
Description  Thin Film Precision Chip Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CRT Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CRT Datasheet HTML 1Page - Bourns Electronic Solutions CRT Datasheet HTML 2Page - Bourns Electronic Solutions CRT Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
CRTSeries-ThinFilmPrecisionChipResistors
Value - TCR Table
Chip Dimensions
Dimensional Drawings
L
H
I2
I2
W
I1
I1
DIMENSIONS:
MM
(INCHES)
Dimension
Model
Model
Model
Model
CRT0402
CRT0603
CRT0805
CRT1206
L
1.00 ± 0.10
1.55 ± 0.10
2.00 ± 0.15
3.05 ± 0.15
(0.040 ± 0.004)
(0.061 ± 0.004)
(0.079 ± 0.006)
(0.120 ± 0.006)
W
0.50 ± 0.05
0.80 ± 0.10
1.25 ± 0.15
1.55 ± 0.15
(0.020 ± 0.002)
(0.031 ± 0.004)
(0.049 ± 0.006)
(0.061 ± 0.006)
H
0.30 ± 0.05
0.45 ± 0.15
0.55 ± 0.10
0.55 ± 0.10
(0.012 ± 0.002)
(0.018 ± 0.006)
(0.022 ± 0.004)
(0.022 ± 0.004)
I1
0.20 ± 0.10
0.30 ± 0.20
0.30 ± 0.20
0.42 ± 0.20
(0.008 ± 0.004)
(0.012 ± 0.008)
(0.012 ± 0.008)
(0.017 ± 0.008)
I2
0.20 ± 0.10
0.30 ± 0.20
0.40 ± 0.25
0.35 ± 0.25
(0.008 ± 0.004)
(0.012 ± 0.008)
(0.016 ± 0.010)
(0.014 ± 0.010)
Recommended Land Pattern
BA
C
Dimension
Model
CRT0402
Model
CRT0603
Model
CRT0805
Model
CRT1206
A
0.50
(0.020)
0.80
(0.031)
1.00
(0.039)
2.00
(0.079)
B
0.50
(0.020)
1.00
(0.039)
1.00
(0.039)
1.15
(0.045)
C
0.60 ± 0.20
(0.024 ± 0.008)
0.90 ± 0.20
(0.035 ± 0.008)
1.35 ± 0.20
(0.053 ± 0.008)
1.70 ± 0.20
(0.067 ± 0.008)
Model
TCR
Resistance Tolerance (Code)
(PPM/°C) (Code)
±0.01 %
(P)
±0.05 %
(A)
±0.1 %
(B)
±0.25 %
(C)
±0.5 %
(D)
±1 %
(F)
CRT0402
±2
(T)
49.9to4.99KΩ
N/A
±3
(U)
±5
(V)
49.9to4.99KΩ
±10
(W)
49.9to12KΩ
49.9to60KΩ
±15
(X)
49.9to69.8KΩ
±25
(Y)
10to255KΩ
4.7to511KΩ
±50
(Z)
CRT0603
±2
(T)
24.9to15KΩ
N/A
±3
(U)
±5
(V)
24.9to15KΩ
±10
(W)
24.9to100KΩ
4.7to332KΩ
±15
(X)
±25
(Y)
4.7to332KΩ
4.7to1MΩ
±50
(Z)
CRT0805
±2
(T)
24.9to30KΩ
N/A
±3
(U)
±5
(V)
24.9to30KΩ
±10
(W)
24.9to200KΩ 4.7to511KΩ
4.7to511KΩ
±15
(X)
4.7to1MΩ
4.7to1MΩ
±25
(Y)
1to1MΩ***
±50
(Z)
CRT1206
±2
(T)
24.9to49.9KΩ
N/A
±3
(U)
±5
(V)
24.9to49.9KΩ
±10
(W)
24.9to499KΩ
4.7to1MΩ***
±15
(X)
±25
(Y)
±50
(Z)
***Selectpartnumberslistedbelowarenotavailable:
CRT0805-DZ-1504ELF,CRT1206-CY-1R00ELF,CRT1206-DZ-1R74ELF,CRT1206-DZ-2004ELF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com