Electronic Components Datasheet Search
  English  ▼

X  

MF-USML Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # MF-USML
Description  Low Ohmic PTC Resettable Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-USML Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  MF-USML Datasheet HTML 1Page - Bourns Electronic Solutions MF-USML Datasheet HTML 2Page - Bourns Electronic Solutions MF-USML Datasheet HTML 3Page - Bourns Electronic Solutions MF-USML Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
MF-USMLSeries-LowOhmicPTCResettableFuses
Product Dimensions
DIMENSIONS:
MM
(INCHES)
Model
A
B
C
D
E
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Min.
Max.
MF-USML175
3.00
(0.118)
3.43
(0.135)
2.35
(0.093)
2.80
(0.110)
0.30
(0.012)
0.60
(0.024)
0.25
(0.010)
0.05
(0.002)
0.45
(0.018)
MF-USML190
MF-USML200
MF-USML230
MF-USML250
MF-USML270
MF-USML300
MF-USML350
MF-USML380
MF-USML400
MF-USML450
3.00
(0.118)
3.43
(0.135)
2.35
(0.093)
2.80
(0.110)
0.60
(0.024)
1.20
(0.047)
0.25
(0.010)
0.05
(0.002)
0.45
(0.018)
MF-USML500
MF-USML600
MF-USML650
MF-USML700
Packaging:
MF-USML175~MF-USML400 = 5000 pcs. per reel
MF-USML450~MF-USML700 = 3500 pcs. per reel
Terminal material:
ENIG-plated terminals
(Tin-plated terminals available upon
request).
Termination pad solderability:
Meets ANSI/J-STD-002 Category 2.
Recommended Storage:
40 °C max./70 % RH max.
Thermal Derating Chart - Ihold (Amps)
Model
Ambient Operating Temperature
-40 °C
-20 °C
0 °C
23 °C
40 °C
50 °C
60 °C
70 °C
85 °C
MF-USML175
2.57
2.33
2.07
1.75
1.49
1.34
1.24
1.00
0.91
MF-USML190
2.89
2.58
2.25
1.90
1.54
1.36
1.21
0.94
0.77
MF-USML200
3.26
2.87
2.50
2.00
1.70
1.48
1.29
1.09
0.78
MF-USML230
3.55
3.17
2.78
2.30
1.94
1.72
1.55
1.27
1.06
MF-USML250
3.70
3.35
2.95
2.50
2.10
1.90
1.75
1.40
1.30
MF-USML270
3.98
3.60
3.18
2.70
2.28
2.03
1.90
1.52
1.40
MF-USML300
4.41
3.99
3.54
3.00
2.55
2.30
2.13
1.71
1.56
MF-USML350
5.00
4.60
4.05
3.50
2.80
2.40
2.00
1.60
1.00
MF-USML380
6.00
5.28
4.52
3.80
3.15
2.65
2.39
2.09
1.60
MF-USML400
5.71
5.26
4.63
4.00
3.20
2.70
2.29
2.00
1.37
MF-USML450
6.62
5.99
5.31
4.50
3.83
3.50
3.20
2.57
2.34
MF-USML500
7.35
6.60
5.90
5.00
4.25
3.88
3.55
2.85
2.60
MF-USML600
8.82
7.98
7.08
6.00
5.10
4.66
4.26
3.43
3.12
MF-USML650
9.56
8.65
7.67
6.50
5.53
5.05
4.62
3.71
3.38
MF-USML700
10.29
9.31
8.26
7.00
5.96
5.44
4.97
3.99
3.64
Recommended Pad Layout
2.5±0.1
(.098±.004)
2.0±0.1
(.079±.004)
1.0±0.05
(.039±.002)
1.0±0.05
(.039±.002)
Bottom View
D
E
A
B
C
Top View
Side View



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com