Electronic Components Datasheet Search
  English  ▼

X  

PV32 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PV32
Description  Lead Sealed Type Single-turn
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PV32 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PV32 Datasheet HTML 1Page - Bourns Electronic Solutions PV32 Datasheet HTML 2Page - Bourns Electronic Solutions PV32 Datasheet HTML 3Page - Bourns Electronic Solutions PV32 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PV32.pdf
Part Number
Power Rating(W)
Number of Turns
(Effective Rotation Angle)
Mechanical Rotation Angle Total Resistance Value
TCR (ppm/°C)
PV32H100A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
10 ohm ±20 %
PV32H200A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
20 ohm ±20 %
PV32H500A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
50 ohm ±20 %
PV32H101A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
100 ohm ±20 %
PV32H201A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
200 ohm ±20 %
PV32H501A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
500 ohm ±20 %
PV32H102A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
1k ohm ±20 %
PV32H202A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
2k ohm ±20 %
PV32H502A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
5k ohm ±20 %
PV32H103A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
10k ohm ±20 %
PV32H203A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
20k ohm ±20 %
PV32H253A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
25k ohm ±20 %
PV32H503A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
50k ohm ±20 %
PV32H104A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
100k ohm ±20 %
PV32H204A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
200k ohm ±20 %
PV32H254A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
250k ohm ±20 %
PV32H504A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
500k ohm ±20 %
PV32H105A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
1M ohm ±20 %
±100
±100
±100
±100
±100
±100
PV32H251A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
250 ohm ±20 %
±100
±100
±100
±100
PV32H252A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
2.5k ohm ±20 %
±100
±100
±100
±100
±100
±100
±100
±100
±100
±100
±100
±100
±100
±100
±100
±100
±100
±100
±100
±100
±100
±100
±100
±100
±100
±100
±100
Top Adjustment
PV32P100A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
10 ohm ±20 %
PV32P200A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
20 ohm ±20 %
PV32P500A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
50 ohm ±20 %
PV32P101A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
100 ohm ±20 %
PV32P201A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
200 ohm ±20 %
±100
PV32P501A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
500 ohm ±20 %
±100
PV32P251A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
250 ohm ±20 %
PV32P102A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
1k ohm ±20 %
PV32P202A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
2k ohm ±20 %
PV32P502A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
5k ohm ±20 %
±100
PV32P252A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
2.5k ohm ±20 %
PV32P103A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
10k ohm ±20 %
PV32P203A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
20k ohm ±20 %
PV32P253A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
25k ohm ±20 %
PV32P503A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
50k ohm ±20 %
PV32P104A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
100k ohm ±20 %
PV32P204A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
200k ohm ±20 %
PV32P254A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
250k ohm ±20 %
PV32P504A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
500k ohm ±20 %
PV32P105A0xB00
0.5 (70 °C)
1 (240 ° ±5°)
260 ° ±5 °
1M ohm ±20 %
Operating Temperature Range: -55 to 125 °C
Soldering Method: Wave (Single and Dual)
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
05/24/17



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com