Electronic Components Datasheet Search
  English  ▼

X  

AP1212HSA Datasheet(PDF) 4 Page - Anachip Corp

Part # AP1212HSA
Description  Dual USB High-Side Power Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1212HSA Datasheet(HTML) 4 Page - Anachip Corp

  AP1212HSA Datasheet HTML 1Page - Anachip Corp AP1212HSA Datasheet HTML 2Page - Anachip Corp AP1212HSA Datasheet HTML 3Page - Anachip Corp AP1212HSA Datasheet HTML 4Page - Anachip Corp AP1212HSA Datasheet HTML 5Page - Anachip Corp AP1212HSA Datasheet HTML 6Page - Anachip Corp AP1212HSA Datasheet HTML 7Page - Anachip Corp AP1212HSA Datasheet HTML 8Page - Anachip Corp AP1212HSA Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AP1212
Dual USB High-Side Power Switch
Anachip Corp.
www.anachip.com.tw
Rev.1.0 Sep.23, 2004
4/11
Typical Performance Characteristics
2.5
3.0
3.5
4.0
4.5
5.0
5.5
88
92
96
100
104
108
112
116
120
R
L=10Ω
T=25
OC
On-Resistance vs. Supply Voltage
SUPPLY VOLTAGE (V)
-40
-20
0
20
40
60
80
100
60
70
80
90
100
110
120
130
140
150
160
V
SUPPLY=3.3V
V
SUPPLY=5V
R
L=10Ω
On-Resistance vs. Temperature
TEMPERATURE (
OC)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
C
L=47µ F
R
L=10Ω
85
OC
25
OC
-40
OC
Turn-On Rise Time vs. Supply Voltage
SUPPLY VOLTAGE (V)
-40
-20
0
204060
80
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
R
L=10Ω
C
L=47µ F
V
SUPPLY=3.3V
V
SUPPLY=5V
Turn-On Rise Time vs. Temperature
TEMPERATURE (
OC)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
20
40
60
80
100
120
140
160
180
200
220
85
OC
25
OC
-40
OC
On-Current vs. Supply Voltage
SUPPLY VOLTAGE (V)
-40
-20
0
20406080
100
0
20
40
60
80
100
120
140
160
180
200
V
SUPPLY=3.3V
V
SUPPLY=5V
On-Current vs. Temperature
TEMPERATURE (
OC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com