Electronic Components Datasheet Search
  English  ▼

X  

AT25F4096 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT25F4096
Description  SPI SERIAL MEMORY 4M
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25F4096 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT25F4096 Datasheet HTML 1Page - ATMEL Corporation AT25F4096 Datasheet HTML 2Page - ATMEL Corporation AT25F4096 Datasheet HTML 3Page - ATMEL Corporation AT25F4096 Datasheet HTML 4Page - ATMEL Corporation AT25F4096 Datasheet HTML 5Page - ATMEL Corporation AT25F4096 Datasheet HTML 6Page - ATMEL Corporation AT25F4096 Datasheet HTML 7Page - ATMEL Corporation AT25F4096 Datasheet HTML 8Page - ATMEL Corporation AT25F4096 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
AT25F4096 [Advance Information]
2454C–SEEPR–8/04
The AT25F4096 is enabled through the Chip Select pin (CS) and accessed via a 3-wire
interface consisting of Serial Data Input (SI), Serial Data Output (SO), and Serial Clock
(SCK). All write cycles are completely self-timed.
BLOCK WRITE protection for top 1/8, top 1/4, top 1/2 or the entire memory array is
enabled by programming the status register. Separate write enable and write disable
instructions are provided for additional data protection. Hardware data protection is pro-
vided via the WP pin to protect against inadvertent write attempts to the status register.
The HOLD pin may be used to suspend any serial communication without resetting the
serial sequence.
Block Diagram
Absolute Maximum Ratings*
Operating Temperature.................................... -40
°C to +85°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect
device reliability.
Storage Temperature ..................................... -65
°C to +150°C
Voltage on Any Pin
with Respect to Ground .....................................-1.0V to +3.6V
Maximum Operating Voltage ............................................ 3.6V
DC Output Current........................................................ 5.0 mA
524,288 x 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com