Electronic Components Datasheet Search
  English  ▼

X  

ES3AC Datasheet(PDF) 1 Page - Jiangsu High diode Semiconductor Co., Ltd

Part # ES3AC
Description  SMC Plastic-Encapsulate Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HDSEMI [Jiangsu High diode Semiconductor Co., Ltd]
Direct Link  http://www.h-diode.com/
Logo HDSEMI - Jiangsu High diode Semiconductor Co., Ltd

ES3AC Datasheet(HTML) 1 Page - Jiangsu High diode Semiconductor Co., Ltd

  ES3AC Datasheet HTML 1Page - Jiangsu High diode Semiconductor Co., Ltd ES3AC Datasheet HTML 2Page - Jiangsu High diode Semiconductor Co., Ltd ES3AC Datasheet HTML 3Page - Jiangsu High diode Semiconductor Co., Ltd ES3AC Datasheet HTML 4Page - Jiangsu High diode Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Electrical Characteristics (T =25℃Unless otherwise specified)
pad areas
ES3
Item
Symbol
Unit
Test Conditions
A
B
C
D
F
G
H
J
Repetitive Peak Reverse Voltage
VRRM
V
50 100
150 200 300 400
500 600
Average Forward Current
IF(AV)
A
60HZ Half-sine wave, Resistance
load, TL=100℃
3.0
Surge(Non-repetitive)Forward
Current
IFSM
A
60Hz Half-sine wave ,1 cycle ,
Ta =25℃
100
Junction Temperature
TJ
℃
-55~+150
Storage Temperature
TSTG
℃
-55 ~ +150
ES3
Item
Symbol
Unit
Test Condition
A
B
C
D
F
G
H
J
Peak Forward Voltage
V
F
V
I
F=3.0A
0.95
1.25
1.7
Maximum reverse recovery
time
trr
ns
IF=0.5A,IR=1.0A,Irr=0.25A
35
I
RRM1
Ta =25℃
10
Peak Reverse Current
I
RRM2
μA
VRM=VRRM
Ta =100℃
500
RθJ-A
Between junction and ambient
47
1)
Thermal
Resistance(Typical)
RθJ-L
/W
℃
Between junction and terminal
12
1)
Notes:
Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.3" x 0.3" (8.0 mm x 8.0 mm) copper
ES3AC THRU ES3JC
V
Maximum RMS
VRMS
Voltage
35
70
140
280
420
105
210
350
Super Fast Recovery Rectifier Diode
SMC Plastic-Encapsulate Diodes
HD CK 84
SMC
Features
●Io
3A
●VRRM
50V-600V
●High surge current capability
Applications
●Rectifier
●
: From A To J
X
Marking
Polarity: Color band denotes cathode
●
Glass passivated chip
●
ES3X
1
H
igh Diode Semiconductor


Similar Part No. - ES3AC

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
ES3AC PACELEADER-ES3AC Datasheet
141Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
SUNMATE electronic Co.,...
ES3AC SUNMATE-ES3AC Datasheet
363Kb / 2P
SURFACE MOUNT SUPER FAST RECOVER Y DIODES
logo
Shanghai Yint Electroni...
ES3AC YINT-ES3AC Datasheet
613Kb / 3P
Surface Mount Superfast Recovery Rectifier
logo
UN Semiconducctor INC
ES3AC UNSEMI-ES3AC Datasheet
2Mb / 4P
Surface Mount Superfast Recovery Rectifier
Revision March 1,2022
logo
Dongguan Pingjingsemi T...
ES3AC-PJ PJSEMI-ES3AC-PJ Datasheet
566Kb / 3P
SUPERFAST RECOVERY RECTIFIERS
More results

Similar Description - ES3AC

ManufacturerPart #DatasheetDescription
logo
Jiangsu High diode Semi...
MURS320-SMC HDSEMI-MURS320-SMC Datasheet
1,016Kb / 4P
SMC Plastic-Encapsulate Diodes
ES5AC HDSEMI-ES5AC Datasheet
1Mb / 4P
SMC Plastic-Encapsulate Diodes
SMCJ HDSEMI-SMCJ Datasheet
1Mb / 7P
SMC Plastic-Encapsulate Diodes
GS3AC HDSEMI-GS3AC Datasheet
1Mb / 4P
SMC Plastic-Encapsulate Diodes
RS3AC HDSEMI-RS3AC Datasheet
1,014Kb / 4P
SMC Plastic-Encapsulate Diodes
RS5AC HDSEMI-RS5AC Datasheet
1,023Kb / 4P
SMC Plastic-Encapsulate Diodes
S3AC HDSEMI-S3AC Datasheet
1Mb / 4P
SMC Plastic-Encapsulate Diodes
SS32C HDSEMI-SS32C Datasheet
941Kb / 4P
SMC Plastic-Encapsulate Diodes
logo
Nanjing International G...
MURS420 DGNJDZ-MURS420 Datasheet
2Mb / 4P
SMC Plastic-Encapsulate Diodes
MURS320 DGNJDZ-MURS320_V01 Datasheet
2Mb / 4P
SMC Plastic-Encapsulate Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com