Electronic Components Datasheet Search
  English  ▼

X  

AT83C5103 Datasheet(PDF) 22 Page - ATMEL Corporation

Part # AT83C5103
Description  C51 LPC 8-Bit Microcontroller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5103 Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button AT83C5103 Datasheet HTML 18Page - ATMEL Corporation AT83C5103 Datasheet HTML 19Page - ATMEL Corporation AT83C5103 Datasheet HTML 20Page - ATMEL Corporation AT83C5103 Datasheet HTML 21Page - ATMEL Corporation AT83C5103 Datasheet HTML 22Page - ATMEL Corporation AT83C5103 Datasheet HTML 23Page - ATMEL Corporation AT83C5103 Datasheet HTML 24Page - ATMEL Corporation AT83C5103 Datasheet HTML 25Page - ATMEL Corporation AT83C5103 Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
AT83C5103 - AT87C5103 PPAP
Rev. 1 : Initial Submission – 2003 March
22
8.2.3.4 Pull-Down Resistor on Reset Pin
Symbol
Parameter
Specification
Vcc
Temp Average
Cpk
Conditions
-40°C
39.4K
4.8
2.7V
130°C
67.7K
7.1
-40°C
39.7K
4.8
3.3V
130°C
68.1K
7
-40°C
39.8K
5
3.6V
130°C
68.3K
6.9
-40°C
40.2K
5.1
4.5V
130°C
68.9K
6.7
-40°C
40.7K
5.2
RPDRST
Pull-Down
Reset
Resistor
Min = 30Kohms
Max = 150Kohms
(Rom version only)
5.5V
130°C
69.5K
6.5
8.2.3.5 Consumptions
Symbol
Parameter
Specification
Vcc
Temp Average
Cpk
Conditions
3.3V
8
mA
2.7
50
mA max
3.6V
9
mA
1.8
IPD
Power-Down
current
100
mA max
5.5V
130°C
16
mA
2.2
See
datasheet
-40°C
7.9mA
7.5
3.3V
130°C
6.8mA
6.9
-40°C
8.9mA
6.3
14.2mA max
3.6V
130°C
7.7mA
5.7
-40°C
15.2mA
5.8
ICCOP
Operating
consumption
21.5mA max
5.5V
130°C
13.9mA
5.1
16.7Mhz
CPU running
-40°C
5.5mA
5.9
3.3V
130°C
4.8mA
7.7
-40°C
6.2mA
4.6
10.8mA max
3.6V
130°C
5.4mA
6.2
-40°C
11.4mA
4.8
ICCIDL
Idle Mode
consumption
18.2mA max
5.5V
130°C
9.9mA
6.0
16.7Mhz
Cpu inactive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com