Electronic Components Datasheet Search
  English  ▼

X  

AT87C5103 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT87C5103
Description  C51 LPC 8-Bit Microcontroller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT87C5103 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT87C5103 Datasheet HTML 17Page - ATMEL Corporation AT87C5103 Datasheet HTML 18Page - ATMEL Corporation AT87C5103 Datasheet HTML 19Page - ATMEL Corporation AT87C5103 Datasheet HTML 20Page - ATMEL Corporation AT87C5103 Datasheet HTML 21Page - ATMEL Corporation AT87C5103 Datasheet HTML 22Page - ATMEL Corporation AT87C5103 Datasheet HTML 23Page - ATMEL Corporation AT87C5103 Datasheet HTML 24Page - ATMEL Corporation AT87C5103 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
AT83C5103 - AT87C5103 PPAP
Rev. 1 : Initial Submission – 2003 March
21
8.2.3.3 Input currents
Symbol
Parameter
Specification
Vcc
Temp
Average
Cpk
Conditions
-40°C
-7
mA
26.2
3.3V
130°C
-4
mA
56.4
-40°C
-8.3
mA
22.2
3.6V
130°C
-4.9
mA
48
-40°C
-19.7
mA
8.8
IIL
Input Low
current in
Pseudo
Bidirectional
Mode
-50
mA
5.5V
130°C
-11.8
mA
21.6
Vin = 0.45V
-40°C
-94.1
mA
32.8
3.3V
130°C
-56.1
mA
67.9
-40°C -119.4mA
25.2
3.6V
130°C
-71.6
mA
52.6
-40°C -301.5mA
7.6
ITL
Input
Transition
current in
Pseudo
Bidirectional
Mode
-650
mA
5.5V
130°C -189.8mA
17.8
VIN = 2V
-40°C
0.7nA
188.5
3.3V
130°C
2.7nA
120.9
-40°C
1.6nA
184.7
3.6V
130°C
3.5nA
118.6
-40°C
1.1nA
186.3
5.5V
130°C
4.1nA
123
VIN = 0V
-40°C
56nA
107.5
3.3V
130°C
78.4nA
52.6
-40°C
61.6nA
106.6
3.6V
130°C
68.6nA
48.2
-40°C
92nA
75.4
ILI_Z
Input
Leakage
current in
Input Mode
10
mA
5.5V
130°C
48.2nA
27.5
VIN = VCC
-40°C
0.1nA
181.9
3.3V
130°C
3nA
121.7
-40°C
1.1nA
180.8
3.6V
130°C
3nA
119.4
-40°C
0.8nA
182.7
5.5V
130°C
2.9nA
125.2
VIN = 0V
-40°C
55.8nA
106.9
3.3V
130°C
81nA
50.3
-40°C
63nA
101
3.6V
130°C
88.2nA
47.5
-40°C
92.2nA
71.5
ILI_OD
Input
Leakage
current in
Open Drain
Mode
10
mA
5.5V
130°C 150.6nA
27.4
VIN = VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com