Electronic Components Datasheet Search
  English  ▼

X  

ATF38143 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # ATF38143
Description  Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ATF38143 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  ATF38143 Datasheet HTML 1Page - Agilent(Hewlett-Packard) ATF38143 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ATF38143 Datasheet HTML 3Page - Agilent(Hewlett-Packard) ATF38143 Datasheet HTML 4Page - Agilent(Hewlett-Packard) ATF38143 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ATF38143 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ATF38143 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ATF38143 Datasheet HTML 8Page - Agilent(Hewlett-Packard) ATF38143 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
ATF-38143 Absolute Maximum Ratings[1]
Absolute
Symbol
Parameter
Units
Maximum
VDS
Drain - Source Voltage [2]
V
4.5
VGS
Gate - Source Voltage
V
-4
VGD
Gate Drain Voltage
V
-4
IDS
Drain Current
mA
Idss
Pdiss
Total Power Dissipation[2]
mW
580
Pin max
RF Input Power
dBm
17
TCH
Channel Temperature
°C
160
TSTG
Storage Temperature
°C
-65 to 160
θ
jc
Thermal Resistance [3]
°C/W
165
Notes:
1. Operation of this device above any one
of these parameters may cause
permanent damage.
2. Source lead temperature is 25
°C.
Derate 6 mW/
°C for T
L > 64°C.
3. Thermal resistance measured using
150
°C Liquid Crystal Measurement
method.
Product Consistency Distribution Charts
Note:
Distribution data sample size is 450
samples taken from 6 different wafers.
Future wafers allocated to this product
may have nominal values anywhere within
the upper and lower spec limits.
Measurements made on production test
board. This circuit represents a trade-off
between an optimal noise match and a
realizeable match based on production test
requirements. Circuit losses have been de-
embedded from actual measurements.
OIP3 (dB)
Figure 2. OIP3 @ 2 GHz, 2 V, 10 mA.
LSL=18.5, Nominal=21.99, USL=26.0
18
26
Cpk = 1.59062
Stdev = 0.73 dBm
6 Wafers
Sample Size = 450
300
250
200
150
100
50
0
22
20
24
+3 Std
-3 Std
NF (dB)
Figure 3. NF @ 2 GHz, 2 V, 10 mA.
LSL=0, Nominal=0.44, USL=0.85
0.1
0.3
0.2
0.6
0.4
0.5
0.9
0.7 0.8
-3 Std
+3 Std
Cpk = 4.08938
Stdev = 0.03 dB
6 Wafers
Sample Size = 450
180
150
120
90
60
30
0
GAIN (dB)
Figure 4. Gain @ 2 GHz, 2 V, 10 mA.
LSL=15.0, Nominal=16.06, USL= 18.0
15
15.5
16
16.5
17
17.5
18
-3 Std
+3 Std
160
120
80
40
0
Cpk = 2.58097
Stdev = 0.14 dB
6 Wafers
Sample Size = 450
VDS (V)
Figure 1. Typical I-V Curves.
(VGS = -0.2 V per step)
01
2
3
4
5
250
200
150
100
50
0
0 V
–0.6 V
+0.6 V
88759/05-6.PM6.5J
2001.04.26, 9:18 AM
Page 2
Adobe PageMaker 6.5J/PPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com