Electronic Components Datasheet Search
  English  ▼

X  

GF710 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GF710
Description  GF BS88 Centre bolted tags
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GF710 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GF710 Datasheet HTML 1Page - List of Unclassifed Manufacturers GF710 Datasheet HTML 2Page - List of Unclassifed Manufacturers GF710 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Technical Data 4103
Effective June 2015
Bussmann series
GF BS88 Centre bolted tags
EATON www.eaton.com
Catalogue symbol:
•
GF(Amps)
Technical data:
•
Rated voltage: 550 V a.c. / 250 V d.c.
•
Rated current: 710 to 800 A
•
Breaking capacity: 80 kA
•
Class of operation: gG
•
Size: C3
Standards/Approvals:
•
BS88
•
IEC 60269
•
Suitable for use in RoHS compliant applications
Packaging:
•
MOQ 1
Table 1. Technical data
Part
number
Rated
voltage
Rated
current
(Amps)
Energy integrals I2t
(A2S)
Watts
loss
Dimensions (mm)
Product
class
Weight
Pre-
arcing
Total at
415 V a.c.
W
A
B
C
D
E
F
G
H
J
GF710
550 V a.c.
250 V d.c.
710
3500
8100
53
210
185
80.5
10.5
15.5
25.4
134.5
83
9.5
gG
2.6Kg
GF800
550 V a.c.
250 V d.c.
800
5000
11,500
64
210
185
80.5
10.5
15.5
25.4
134.5
83
9.5
gG
2.6Kg
Outline drawing



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com