Electronic Components Datasheet Search
  English  ▼

X  

BC108 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BC108
Description  NPN general purpose transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC108 Datasheet(HTML) 2 Page - NXP Semiconductors

  BC108 Datasheet HTML 1Page - NXP Semiconductors BC108 Datasheet HTML 2Page - NXP Semiconductors BC108 Datasheet HTML 3Page - NXP Semiconductors BC108 Datasheet HTML 4Page - NXP Semiconductors BC108 Datasheet HTML 5Page - NXP Semiconductors BC108 Datasheet HTML 6Page - NXP Semiconductors BC108 Datasheet HTML 7Page - NXP Semiconductors BC108 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1997 Sep 03
2
Philips Semiconductors
Product specification
NPN general purpose transistors
BC107; BC108; BC109
FEATURES
• Low current (max. 100 mA)
• Low voltage (max. 45 V).
APPLICATIONS
• General purpose switching and amplification.
DESCRIPTION
NPN transistor in a TO-18; SOT18 metal package.
PNP complement: BC177.
PINNING
PIN
DESCRIPTION
1
emitter
2
base
3
collector, connected to the case
Fig.1
Simplified outline (TO-18; SOT18)
and symbol.
handbook, halfpage
MAM264
1
3
2
3
1
2
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
BC107
−
50
V
BC108; BC109
−
30
V
VCEO
collector-emitter voltage
open base
BC107
−
45
V
BC108; BC109
−
20
V
ICM
peak collector current
−
200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
−
300
mW
hFE
DC current gain
IC = 2 mA; VCE =5V
BC107
110
450
BC108
110
800
BC109
200
800
fT
transition frequency
IC = 10 mA; VCE = 5 V; f = 100 MHz
100
−
MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com