Electronic Components Datasheet Search
  English  ▼

X  

HVA Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # HVA
Description  Buss High Voltage Fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

HVA Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  HVA Datasheet HTML 1Page - Cooper Bussmann, Inc. HVA Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
12-21-98
SB98107
Rev. A
Buss High Voltage Fuses
HV
1000 - 10,000 Volts
Series
Bussmann®
Form No. HV Series
Page 2 of 2
BIF Doc #6003
The only controlled copy of this BIF document is the electronic read-only version located on the Bussmann Network Drive. All other copies of this BIF document are by definition uncontrolled. This bulletin is intended to
clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change design or construction of any
products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once a product has been select-
ed, it should be tested by the user in all possible applications.
CATALOG SYMBOL: 4528, 4529, 4530, AND 2960
FUSE BLOCKS
For BUSS High Voltage Fuses
(1000 to 10,000 Volts)
• Bakelite base.
• Alloy plated terminals.
*Dimensions
For
Bock
Inches/(mm’s)
Fuse
Cat.
Base
Sym.
No.
A
B
C
Width
HVA
4528
3.75”
1.125”
0.38”
1.0”
HVR
(95.3)
(28.6)
(9.5)
(25.4)
HVB
4529
5.25”
1.125”
0.38”
1.0”
HVT
(133.4)
(28.6)
(9.5)
(25.4)
HVJ
4530
6.5”
1.66”
0.5”
1.38”
HVU
(165.1)
(42.1)
(12.7)
(34.9)
HVL
2960
11.44”
1.45”
0.75”
1.38”
HVX
(290.5)
(48.4)
(19.1)
(34.9)
*Two mounting holes:
Use #8 screws on blocks 4528 and 4529.
Use #10 screws on blocks 4530 and 2960.
C
A
B
Dimensional Data
CURRENT IN AMPERES
300
100
10
1
.1
.01
AMPERE
RATING
Time-Current Characteristic Curves—Average Melt



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com