Electronic Components Datasheet Search
  English  ▼

X  

LP1HR5DAY22DU Datasheet(PDF) 1 Page - Winson Semiconductor Corp.

Part # LP1HR5DAY22DU
Description  Linear Hall Effect Sensor IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSON [Winson Semiconductor Corp.]
Direct Link  http://www.winson.com.tw
Logo WINSON - Winson Semiconductor Corp.

LP1HR5DAY22DU Datasheet(HTML) 1 Page - Winson Semiconductor Corp.

  LP1HR5DAY22DU Datasheet HTML 1Page - Winson Semiconductor Corp. LP1HR5DAY22DU Datasheet HTML 2Page - Winson Semiconductor Corp. LP1HR5DAY22DU Datasheet HTML 3Page - Winson Semiconductor Corp. LP1HR5DAY22DU Datasheet HTML 4Page - Winson Semiconductor Corp. LP1HR5DAY22DU Datasheet HTML 5Page - Winson Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
WSH315
Winson reserves the right to make changes to improve reliability or manufacturability.
©Winson, 2017/4/7
Page 1
Linear Hall Effect Sensor IC
Features:
 Wide operating range 3.0~12V, -40℃~125℃
 Flat Response to 23kHz
 High Sensitivity 1.5 mV/Gauss
 Wide output voltage range 0.2~4.8V (at Vdd=5V)
 Low temperature drift ± 0.2 mV/℃
 Wide sensible magnetic field range on different supplied voltage
±1,500 Gauss on 5V supplied voltage
±3,000 Gauss on 12V supplied voltage. Low operating current 3mA
 Two package styles TO-92S/SOT-23 available.
Functional Description :
The WSH315 is a new version of WSH135 with better measuring range
and thermal shift. It integrates Hall sensing element, linear amplifer, sensitivity
controller and emitter follower output stage.It accurately tracks extremely small
change in magnetic flux density –generally too small to operate Hall effect
switch.
W315 can be applied as current sensor, tooth sensor, proximity detectors
and motion detectors. As sensitive monitor of magnetic flux, it can effectively
measure a system’s performance with negligible system loading while
providing isolation from contaminated and electrically noisy environments.


Similar Part No. - LP1HR5DAY22DU

ManufacturerPart #DatasheetDescription
logo
Carling Technologies
LP1HRR5-9AAY2-1DU CARLINGTECH-LP1HRR5-9AAY2-1DU Datasheet
751Kb / 6P
Illuminated Indicators
More results

Similar Description - LP1HR5DAY22DU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WSH201 ETC2-WSH201 Datasheet
88Kb / 3P
Linear Hall Effect Sensor IC
logo
Winson Semiconductor Co...
WSH201 WINSON-WSH201 Datasheet
119Kb / 3P
Linear Hall Effect Sensor IC
WSH137 WINSON-WSH137 Datasheet
293Kb / 5P
Linear Hall Effect Sensor IC
WSH138 WINSON-WSH138 Datasheet
256Kb / 5P
Linear Hall Effect Sensor IC
logo
Micronas
HAL411 MICRONAS-HAL411 Datasheet
1Mb / 18P
Linear Hall-Effect Sensor IC
logo
DIWELL Electronics Co.,...
WSH136 DIWELL-WSH136 Datasheet
432Kb / 5P
Linear Hall Effect Sensor IC
2017/12/22
WSH137 DIWELL-WSH137 Datasheet
450Kb / 5P
Linear Hall Effect Sensor IC
2017/12/22
WSH138 DIWELL-WSH138 Datasheet
482Kb / 5P
Linear Hall Effect Sensor IC
2017/12/22
WSH202 DIWELL-WSH202 Datasheet
487Kb / 5P
Linear Hall Effect Sensor IC
2017/12/22
WSH203 DIWELL-WSH203 Datasheet
518Kb / 5P
Linear Hall Effect Sensor IC
2017/12/22
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com