Electronic Components Datasheet Search
  English  ▼

X  

SW3833D Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # SW3833D
Description  Medium Capacity Rockers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

SW3833D Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  SW3833D Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. SW3833D Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. SW3833D Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. SW3833D Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series SW
Medium Capacity Rockers
B120
B
www.nkkswitches.com
Electrical Capacity (Resistive & Inductive Load)
Power Level: Shown in the following tables
Other Ratings
Contact Resistance: 10 milliohms maximum
Insulation Resistance: 1,000 megohms minimum @ 500V DC
Dielectric Strength: 2,000V AC minimum for 1 minute minimum
Mechanical Life: 30,000 operations minimum
Electrical Life: 10,000 operations minimum
Angle of Throw (α): Shown on drawings or following tables
Materials & Finishes
Rocker: Urea resin; all rockers are white.
Mounting Frame: Steel with chromate plating over zinc plating
Case Cover/Insulator: Phenolic resin
Case: Melamine phenol
Movable Contactor Plate: Copper with silver plating
Movable & Stationary Contacts: Silver alloy plus copper with silver plating
Terminals: Copper with tin plating
Environmental Data
Operating Temp Range: –10°C through +70°C (+14°F through +158°F)
Sealing: Dustproof cover of silicone rubber on SW3006A, SW3007A, & SW3008A
Installation
Maximum Panel Thickness: Shown with following drawings
Soldering Time & Temperature: Manual Soldering: See Profile A in Supplement section.
Standards & Certifications
UL: File No. E44145 - Recognized only when ordered with marking on switch.
Add “/U” or “/CUL” to end of part number to order UL recognized switch.
UL or cULus recognition designated beside part numbers on following pages.
See Supplement section to find UL or cULus rating details.
CSA: File No. 023535_0_000 - Certified only when ordered with marking on switch.
Add “/C” to end of part number to order CSA certified switch.
CSA certification designated beside part numbers on following pages.
See Supplement section to find CSA rating details.
VDE: License No. 40028826 - Approved only when ordered with marking on switch.
Add “/V” to end of part number to order VDE approved switch.
SW3006A at 20A @ 125V AC & 10A @ 250V AC
GENERAL SPECIFICATIONS FOR SW3000s


Similar Part No. - SW3833D

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
SW3833D NKK-SW3833D Datasheet
157Kb / 4P
High Capacity Rockers
More results

Similar Description - SW3833D

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
JWS11RAA-A NKK-JWS11RAA-A Datasheet
351Kb / 6P
Internationally Approved Rockers
M2012TNW NKK-M2012TNW Datasheet
332Kb / 10P
Miniature Rockers
SW3001A NKK-SW3001A Datasheet
157Kb / 4P
High Capacity Rockers
LW3021A NKK-LW3021A Datasheet
53Kb / 1P
High Capacity Screw Mount Rockers
logo
List of Unclassifed Man...
S2AL ETC2-S2AL Datasheet
200Kb / 5P
Medium Capacity Standard Size Toggles
M2012TJW01-FC-1A ETC2-M2012TJW01-FC-1A Datasheet
1,001Kb / 9P
Miniature Rockers
M2012TNW01-DC ETC2-M2012TNW01-DC Datasheet
282Kb / 10P
Miniature Rockers
M2013TXG41-DC ETC2-M2013TXG41-DC Datasheet
367Kb / 12P
Miniature Rockers
logo
Nihon Kaiheiki Industry...
SB221NO NKK-SB221NO Datasheet
115Kb / 3P
Low/Medium Capacity Pushbuttons
logo
List of Unclassifed Man...
SB25B ETC2-SB25B Datasheet
115Kb / 3P
Low/Medium Capacity Pushbuttons
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com