Electronic Components Datasheet Search
  English  ▼

X  

BU2374FV Datasheet(PDF) 5 Page - Rohm

Part # BU2374FV
Description  VCO phase comparator IC for PLL system
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2374FV Datasheet(HTML) 5 Page - Rohm

  BU2374FV Datasheet HTML 1Page - Rohm BU2374FV Datasheet HTML 2Page - Rohm BU2374FV Datasheet HTML 3Page - Rohm BU2374FV Datasheet HTML 4Page - Rohm BU2374FV Datasheet HTML 5Page - Rohm BU2374FV Datasheet HTML 6Page - Rohm BU2374FV Datasheet HTML 7Page - Rohm BU2374FV Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BU2374FV
Multimedia ICs
5/7
!
!
!
!
Electrical characteristics (Unless otherwise noted,Ta=25
°C, VCC=3.3V)
Conditions
IOL
=2.0mA
VCO_OUT Output L voltage
input current (VCO_INHIBIT, SELECT)
1
VCO section
VCO current consumption (inhibit)
at VCO_INHIBIT=VDD
PFD_INHIBIT=VDD
VCO frequency range
VCO control voltage
Bias Resistor range
∗ 1
∗ 1 Value of design
guarantee
(all guarantee range)
∗ 2 Frequency sersibility
∗ 3 When FSEL is H and output frequency is 1/4, culculate
Bias R
=2.0kΩ 37MHz to 54MHz
Bias R
=2.4kΩ 45MHz to 58MHz
Bias R
=3.0kΩ 53MHz to 60MHz
{ f1(VCOIN
=2.0V)−f2(VCOIN=1.0V)} / 1.0V
IOH
=−2.0mA
VCO_OUT Output H voltage
input impedance (VCO_IN)
Output 50MHz
VCO current consumption (normal operation)
∗ 2
Frequency sersibility
at 1/2 VDD point
Output duty
Time is from VDD
∗ 0.2 to vdd ∗ 0.8
Output Rise-time
Output Fall-time
Time is from VDD
∗ 0.8 to vdd ∗ 0.2
Min.
−
−
−
37
0.5
2.0
3.0
−
−
−
45
−
−
Symbol
VOL
IIH, IIL
IDD(INH)
frange
VI(vco_in)
Rbias
VOH
Zi
IDD(vco)
β1
Duty
tr
tf
Unit
V
µA
µA
MHz
V
K
Ω
V
M
Ω
mA
MHz/V
%
nsec
nsec
−
−
−
−
−
−
−
10
12.5
23
50
2.5
2.5
Typ.
Parameter
+
Max.
0.3
1
60
VDD
−0.5
3.0
−
−
−
−
55
−
−
−



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com