Electronic Components Datasheet Search
  English  ▼

X  

C2V7 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # C2V7
Description  SOT23 SILICON PLANAR VOLTAGE REGULATOR DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

C2V7 Datasheet(HTML) 1 Page - Zetex Semiconductors

  C2V7 Datasheet HTML 1Page - Zetex Semiconductors C2V7 Datasheet HTML 2Page - Zetex Semiconductors C2V7 Datasheet HTML 3Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
3
2
SOT23

!
SOT23 SILICON PLANAR
VOLTAGE REGULATOR DIODES
ISSUE 3 - NOVEMBER 1995 7
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS (as per Electron Coding Sytem).
PARAMETER
SYMBOL
VALUE
UNIT
Voltage Range
VZ
2.7 to 47
V
Nominal Tolerance
C
±
5
%
Maximum Forward Current
IF
250
mA
Power Dissipation at Tamb=25°C
Ptot
330
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C).
Type
Zener Voltage
VZ at IZ=5mA
V
Differential
Resistance
rZ at IZ=5mA
Ω
Temperature
Coefficient
SZ at IZ=5mA
mV/°C
Reverse Current
IR at VR
µ
A
V
BZX84:
Nom.
Min.
Max.
Max.
Min
Max
Max
Max
C2V7 2.7
2.5
2.9
100
-3.5
0
20
1
C3V0 3.0
2.8
3.2
100
-3.5
0
10
1
C3V3 3.3
3.1
3.5
100
-3.5
0
5
1
C3V6 3.6
3.4
3.8
100
-3.5
0
5
1
C3V9 3.9
3.7
4.1
100
-3.5
0
3
1
C4V3 4.3
4.0
4.6
90
-3.5
0
3
1
C4V7 4.7
4.4
5.0
80
-3.5
0.2
3
2
C5V1 5.1
4.8
5.4
60
-2.7
1.2
2
2
C5V6 5.6
5.2
6.0
40
-2.0
2.5
1
2
C6V2 6.2
5.8
6.6
10
0.4
3.7
3
4
C6V8 6.8
6.4
7.2
15
1.2
4.5
2
4
C7V5 7.5
7.0
7.9
15
2.5
5.3
1
5
C8V2 8.2
7.7
8.7
15
3.2
6.2
0.7
5
BZX84
SERIES
C2V7 to C47


Similar Part No. - C2V7

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
C2V4 NXP-C2V4 Datasheet
741Kb / 11P
Voltage regulator diodes
2003 Apr 10
More results

Similar Description - C2V7

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BZV49 ZETEX-BZV49 Datasheet
16Kb / 2P
SOT89 SILICON PLANAR VOLTAGE REGULATOR DIODES
FMMV2101 ZETEX-FMMV2101 Datasheet
48Kb / 1P
SOT23 SILICON PLANAR VARIABLE CAPACITANCE DIODES
logo
List of Unclassifed Man...
FMMZ5232 ETC-FMMZ5232 Datasheet
31Kb / 2P
SOT23 SILICON VOLTAGE REGULATOR DIODES
logo
Zetex Semiconductors
FMMV2108 ZETEX-FMMV2108 Datasheet
58Kb / 1P
SOT23 SILICON PLANAR VARIABLE CAPACITANCE DIODES
BSS63 ZETEX-BSS63 Datasheet
29Kb / 1P
SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
TRANSYS Electronics Lim...
BZX84C TEL-BZX84C Datasheet
50Kb / 3P
SILICON PLANAR VOLTAGE REGULATOR DIODES
logo
Diodes Incorporated
FMMT458 DIODES-FMMT458 Datasheet
79Kb / 2P
SOT23 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
APRIL 2002
logo
List of Unclassifed Man...
BAS7004TA ETC2-BAS7004TA Datasheet
47Kb / 1P
SOT23 SILICON PLANAR DUAL SCHOTTKY BARRIER DIODES
FMMV2101TA ETC2-FMMV2101TA Datasheet
52Kb / 1P
SOT23 SILICON PLANAR VARIABLE CAPACITANCE DIODES
logo
Zetex Semiconductors
BAL99 ZETEX-BAL99 Datasheet
34Kb / 1P
SOT23 SILICON PLANAR HIGH SPEED SWITCHING DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com