Electronic Components Datasheet Search
  English  ▼

X  

C4V3 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # C4V3
Description  SOT23 SILICON PLANAR VOLTAGE REGULATOR DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

C4V3 Datasheet(HTML) 2 Page - Zetex Semiconductors

  C4V3 Datasheet HTML 1Page - Zetex Semiconductors C4V3 Datasheet HTML 2Page - Zetex Semiconductors C4V3 Datasheet HTML 3Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C).
Type
Zener Voltage (V)
VZ at IZ=1mA
Differential Resistance (Ω)
rZ at IZ=1mA
Partmarking
BZX84:
Min.
Max.
C2V7
1.9
600
W4
C3V0
2.1
600
W5
C3V3
2.4
600
W6
C3V6
2.7
600
W7
C3V9
3.0
600
W8
C4V3
3.3
600
W9
C4V7
3.7
500
Z1
C5V1
4.2
480
Z2
C5V6
4.8
400
Z3
C6V2
5.6
150
Z4
C6V8
6.3
80
Z5
C7V5
6.9
80
Z6
C8V2
7.6
80
Z7
C9V1
8.4
100
Z8
C10
9.3
150
Z9
C11
10.2
150
Y1
C12
11.2
150
Y2
C13
12.3
170
Y3
C13V6
12.3
170
Y36
C15
13.7
200
Y4
C16
15.2
200
Y5
C18
16.7
225
Y6
C20
18.7
225
Y7
C22
20.7
250
Y8
C24
22.7
250
Y9
Vz at IZ=0.5mA
rz at IZ=0.5mA
C27
25.0
300
X1
C30
27.8
300
X2
C33
30.8
325
X3
C36
33.8
350
X4
C39
36.7
350
X5
C43
39.7
375
X6
C47
43.7
375
X7
BZX84
SERIES
C2V7 to C47



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com