Electronic Components Datasheet Search
  English  ▼

X  

HEC Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # HEC
Description  Single-Pole for SC Type Fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

HEC Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  HEC Datasheet HTML 1Page - Cooper Bussmann, Inc. HEC Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Catalog Data — Insulating Boots
Catalog
Numbers
Type
2A0660
Single Conductor
2A0661
Two Conductor
Insulating boots are not included with non-breakaway parts
and must be ordered separately. They come standard with the
breakaway series. When boots are utilized, extra heat retention
requires that fuses are sized at a minimum of 200% of the RMS
load current.
TRON
® In-Line Fuseholders
HEC, HEG,
Single-Pole for SC Type Fuses
HEH Series
Form No. HEC, HEG, and HEH Series
Page 1 of 2
Data Sheet: 2124
Bussmann®
Non-Breakaway Holders
HEC Series Catalog Symbol: HEC-AA
In-Line Fuseholders, Single-Pole
Water-Resistant
For breakaway holders, see page 2.
Copper Crimp Terminals for (1) #12 to #8 solid or stranded
copper wires or
(2) #12 solid or stranded copper
wires
HEC — For SC-25, & SC-30 fuses.; 30A, 480V (or less).
Fuse size ⁄‹Ω£™∑ ≈ 1fiΩ•∑. Holder rated 30A, 600V.
Non-Breakaway Holders
HEG Series Catalog Symbol: HEG-AA
In-Line Fuseholders, Single-Pole
Water-Resistant
Copper Crimp Terminals for (1) #12 to #8 solid or stranded
copper wires or
(2) #12 solid or stranded copper
wires
HEG — For SC fuses; 0-15A, 600V (or less).
Fuse size ⁄‹Ω£™∑ ≈ 1fiΩ¡§∑. Holder rated 15A, 600V.
Recommended Torque on Coupling Nut: 10-20 in-lb.
Non-Breakaway Holders
HEH Series Catalog Symbol: HEH-AA, HEH-AB, and
HEH-AD
In-Line Fuseholders, Single-Pole
Water-Resistant
Agency Information:
CSA Certified, Class 6225-01, File 47235
HEH — For Type SC-20 fuses; 20A, 600V (or less). Also fuse
types BBS & KTQ (nominal size ⁄‹Ω£™∑ ≈ 1‹Ω•∑). Holder rated
20A, 600V. (CSA current rating - 15A)
Ordering Information:
Example:
A single-pole, in-line holder for a SC-20 fuse. A single #8
stranded copper wire is on the load. Copper crimp connec-
tion desired. Two #6 stranded copper wires are on the line
side. Copper crimp is the desired connection.
1. Choose HEH- Series.
2. Choose “A” for load side.
3. Choose “D” for line side.
Complete Part Number: HEH-AD
Fuse Holder
Load
Line
(HEC, HEG,
Terminal
Terminal
HEH)
7-16-03
N03082


Similar Part No. - HEC

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HEC COOPER-HEC Datasheet
51Kb / 2P
TRON짢 In-Line Fuseholders
logo
TE Connectivity Ltd
HEC005N00000200000 TEC-HEC005N00000200000 Datasheet
122Kb / 1P
insulation insert Code 1
logo
Hosiden Corporation
HEC0470-01-600AE HOSIDEN-HEC0470-01-600AE Datasheet
210Kb / 5P
HEC0470 POWER JACK
HEC0470-01-630 HOSIDEN-HEC0470-01-630 Datasheet
210Kb / 5P
HEC0470 POWER JACK
HEC0470-01-640 HOSIDEN-HEC0470-01-640 Datasheet
210Kb / 5P
HEC0470 POWER JACK
More results

Similar Description - HEC

ManufacturerPart #DatasheetDescription
logo
Littelfuse
153007 LITTELFUSE-153007 Datasheet
144Kb / 2P
For MINI Fuses P.C. Board Mount Type
155320U LITTELFUSE-155320U Datasheet
217Kb / 2P
For ATO Fuses In-Line Type
155320U LITTELFUSE-155320U_1 Datasheet
59Kb / 1P
For ATO Fuses In-Line Type
logo
Cooper Bussmann, Inc.
4421 COOPER-4421 Datasheet
98Kb / 1P
Single pole fuse blocks for 13??2" X 1 1??" (10.3 X 38.1mm) fuses.
ATM-3 COOPER-ATM-3 Datasheet
83Kb / 1P
Blade-Type Fuses
ATM-4 COOPER-ATM-4 Datasheet
83Kb / 1P
Blade-Type Fuses
4515 COOPER-4515 Datasheet
98Kb / 1P
Single pole fuse blocks for 13??2" X 1 1??" (10.3 X 38.1mm) fuses
logo
ALPS ELECTRIC CO.,LTD.
SDDJF1A ALPS-SDDJF1A Datasheet
894Kb / 3P
Slim Type Single Pole Rocker Type
logo
Hirose Electric
HSC-AT5 HIROSE-HSC-AT5 Datasheet
86Kb / 2P
SC Type Fixed Attenuators(for multimode)
HSC-AT11 HIROSE-HSC-AT11 Datasheet
121Kb / 5P
SC Type Fixed Attenuators (for single mode)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com