Electronic Components Datasheet Search
  English  ▼

X  

C4V7 Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # C4V7
Description  SOT23 SILICON PLANAR VOLTAGE REGULATOR DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

C4V7 Datasheet(HTML) 3 Page - Zetex Semiconductors

  C4V7 Datasheet HTML 1Page - Zetex Semiconductors C4V7 Datasheet HTML 2Page - Zetex Semiconductors C4V7 Datasheet HTML 3Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BZX84
SERIES
C2V7 to C47
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C).
Type
Zener Voltage
VZ at IZ=2mA
VOLTS
Differential
Resistance
rZ at IZ=2mA
Ω
Temperature
Coefficient
SZ at IZ=2mA
mV/°C
Reverse Current
IR at VR
µ
A
V
BZX84:
Nom.
Min.
Max.
Max.
Min
Max
Max
Max
C10 10
9.4
10.6
20
4.5
8.0
0.2
7
C11 11
10.4
11.6
20
5.4
9.0
0.1
8
C12 12
11.4
12.7
25
6.0
10.0
0.1
8
C13 13
12.4
14.1
30
7.0
11.0
0.1
9
C13V6 13.6
12.9
14.3
30
7.0
11.0
0.1
9
C15 15
13.8
15.6
30
9.2
13.0
0.05
10
C16 16
15.3
17.1
40
10.4
14.0
0.05
11
C18 18
16.8
19.1
45
12.4
16.0
0.05
13
C20 20
18.8
21.2
55
14.4
18.0
0.05
14
C22 22
20.8
23.3
55
16.4
20.0
0.05
15
C24 24
22.8
25.6
70
18.4
22.0
0.05
17
C27 27
25.1
28.9
80
21.4
25.3
0.05
19
C30 30
28.0
32.0
80
24.4
29.4
0.05
21
C33 33
31.0
35.0
80
27.4
33.4
0.05
23
C36 36
34.0
38.0
90
30.4
37.4
0.05
25
C39 39
37.0
41.0
130
33.4
41.2
0.05
27
C43 43
40.0
46.0
150
37.6
46.6
0.05
30
C47 47
44.0
50.0
170
42.0
51.8
0.05
33



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com