Electronic Components Datasheet Search
  English  ▼

X  

DST2045AX Datasheet(PDF) 2 Page - Littelfuse

Part # DST2045AX
Description  High frequency operation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

DST2045AX Datasheet(HTML) 2 Page - Littelfuse

  DST2045AX Datasheet HTML 1Page - Littelfuse DST2045AX Datasheet HTML 2Page - Littelfuse DST2045AX Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Schottky Barrier Rectifier
©2016 Littelfuse, Inc
Specifications are subject to change without notice.
Revised:02/03/16
DST2045AX, 20A, 45V, Axial, Single
Thermal-Mechanical Specifications
Figure 1:Typical Forward Characteristics
Figure 2:Typical Reverse Characteristics
ºC
Figure 3:Typical Junction Capacitance
ºC
ºC
ºC
ºC
Parameters
Symbol
Test Conditions
Max
Unit
Junction Temperature
T
J
-55 to +150
°C
Storage Temperature
T
stg
-55 to +150
°C
Thermal Resistance Junction
to Ambient
R
thJA
DC operation
55
°C/W
Approximate Weight
wt
2.24
g
Case Style
P600



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com