Electronic Components Datasheet Search
  English  ▼

X  

FXP72070053A Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # FXP72070053A
Description  FXP72 Freedom 2.4GHz Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FXP72070053A Datasheet(HTML) 1 Page - Taoglas antenna solutions

  FXP72070053A Datasheet HTML 1Page - Taoglas antenna solutions FXP72070053A Datasheet HTML 2Page - Taoglas antenna solutions FXP72070053A Datasheet HTML 3Page - Taoglas antenna solutions FXP72070053A Datasheet HTML 4Page - Taoglas antenna solutions FXP72070053A Datasheet HTML 5Page - Taoglas antenna solutions FXP72070053A Datasheet HTML 6Page - Taoglas antenna solutions FXP72070053A Datasheet HTML 7Page - Taoglas antenna solutions FXP72070053A Datasheet HTML 8Page - Taoglas antenna solutions FXP72070053A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SPE-12-8-012/D/ZL
Page 1 of 13
SPECIFICATION
Part No.
:
FXP72.07.0053A
Product Name
:
FXP72 Freedom 2.4GHz Series
Ground Coupled Antenna
Feature
:
4dBi Gain
IPEX MHFI Connector (U.FL compatible)
53 mm Cable
31 x 31 x 0.1 mm
RoHS Compliant


Similar Part No. - FXP72070053A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FXP72070053A ETC2-FXP72070053A Datasheet
393Kb / 12P
FXP72 Freedom 2.4GHz Series Ground Coupled Antenna
More results

Similar Description - FXP72070053A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FXP70070053A ETC2-FXP70070053A Datasheet
347Kb / 8P
FXP70 Freedom 2.4GHz Multi Standard Antenna
FXP72070053A ETC2-FXP72070053A Datasheet
393Kb / 12P
FXP72 Freedom 2.4GHz Series Ground Coupled Antenna
LXH8-PW40 ETC1-LXH8-PW40 Datasheet
2Mb / 26P
Freedom From Binning
logo
Lumileds Lighting Compa...
LX18-P127-Y LUMILEDS-LX18-P127-Y Datasheet
1Mb / 17P
Freedom From Binning
LXA7-PW30 LUMILEDS-LXA7-PW30 Datasheet
1Mb / 22P
Freedom From Binning
logo
List of Unclassifed Man...
H2013B-3 ETC2-H2013B-3 Datasheet
98Kb / 2P
NEMA Contactors & Starters Freedom
logo
Taoglas antenna solutio...
FXP70070053A TAOGLAS-FXP70070053A Datasheet
765Kb / 11P
FXP70 Freedom 2.4GHz Multi Standard Antenna
FXP831090100C TAOGLAS-FXP831090100C Datasheet
1Mb / 18P
FXP.831 Freedom 2.4GHz and 4.9-6GHz bands Ground Coupled Antenna
FXP832030458D TAOGLAS-FXP832030458D Datasheet
1Mb / 16P
FXP832 Freedom Wi-Fi 2.4GHz and 4.9-6GHz Dipole Antenna
logo
NXP Semiconductors
FRDMCR20AUG NXP-FRDMCR20AUG Datasheet
2Mb / 24P
Freescale Freedom Development
Rev. 0, 04/2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com