Electronic Components Datasheet Search
  English  ▼

X  

HLA01 Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # HLA01
Description  5150-5900 MHz Ceramic Loop antenna WLAN/ Wi-Fi/ HDMI
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

HLA01 Datasheet(HTML) 1 Page - Taoglas antenna solutions

  HLA01 Datasheet HTML 1Page - Taoglas antenna solutions HLA01 Datasheet HTML 2Page - Taoglas antenna solutions HLA01 Datasheet HTML 3Page - Taoglas antenna solutions HLA01 Datasheet HTML 4Page - Taoglas antenna solutions HLA01 Datasheet HTML 5Page - Taoglas antenna solutions HLA01 Datasheet HTML 6Page - Taoglas antenna solutions HLA01 Datasheet HTML 7Page - Taoglas antenna solutions HLA01 Datasheet HTML 8Page - Taoglas antenna solutions HLA01 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SPE-12-8-116/B/SS
Page 1 of 19
SPECIFICATION
Part No.
: HLA.01
Product Name
: 5150-5900 MHz Ceramic Loop antenna
WLAN/ Wi-Fi/ HDMI
Feature
: 3.2mm *1.6mm * 0.5mm
Low profile
Peak gain 2.1dBi
65%+ Efficiency Typical
Compact Size
RoHS Compliant
Top
Bottom
HLAD.01 EVB Board


Similar Part No. - HLA01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HLA01 ETC2-HLA01 Datasheet
1Mb / 18P
5150-5900 MHz Ceramic Loop antenna WLAN/ Wi-Fi/ HDMI
More results

Similar Description - HLA01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CA50 ETC2-CA50 Datasheet
1Mb / 18P
5150-5900 MHz Ceramic Chip Monopole Antenna
HLA01 ETC2-HLA01 Datasheet
1Mb / 18P
5150-5900 MHz Ceramic Loop antenna WLAN/ Wi-Fi/ HDMI
logo
World Produts Inc.
WPANT10010-S1A WPI-WPANT10010-S1A Datasheet
131Kb / 2P
Wi-Fi / ZigBee / WLAN Dual-band Miniature Antenna
logo
Taoglas antenna solutio...
CA50 TAOGLAS-CA50 Datasheet
1Mb / 19P
5150-5900 MHz Ceramic Chip Monopole Antenna
GWLA10 TAOGLAS-GWLA10 Datasheet
1Mb / 24P
GPS/GALILEO & Dual-Band Wi-Fi Ceramic Loop Antenna
logo
World Produts Inc.
WPANT10010 WPI-WPANT10010 Datasheet
125Kb / 2P
Wi-Fi / ZigBee / WLAN Dual-band Miniature Antenna
WPANT10043 WPI-WPANT10043 Datasheet
85Kb / 2P
Wi-Fi / ZigBee / WLAN Antenna
WPANT10062 WPI-WPANT10062 Datasheet
78Kb / 2P
Dual-band Wi-Fi / WLAN Antenna
WPANT10064 WPI-WPANT10064 Datasheet
86Kb / 2P
Dual-band Wi-Fi / WLAN Antenna
logo
Suntsu Electronics, Inc...
SATCA-3C1GF-WFB5 SUNTSU-SATCA-3C1GF-WFB5 Datasheet
1Mb / 7P
IEEE802.11a (5150~5900 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com