Electronic Components Datasheet Search
  English  ▼

X  

UTCD965SS Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTCD965SS
Description  NPN EPITAXIAL SILICON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCD965SS Datasheet(HTML) 1 Page - Unisonic Technologies

  UTCD965SS Datasheet HTML 1Page - Unisonic Technologies UTCD965SS Datasheet HTML 2Page - Unisonic Technologies UTCD965SS Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UTCD965SS / D965ASS
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R206-016,B
LOW VOLTAGE HIGH CURRENT
NPN TRANSISTOR
FEATURES
*Collector current up to 5A
* D965SS : Collector-Emitter voltage up to 20 V
* D965ASS : Collector-Emitter voltage up to 30 V
APPLICATIONS
* Audio amplifier
* Flash unit of camera
* Switching circuit
MARKING(D965SS)
MARKING(D965ASS)
SOT-23
1
2
3
1: EMITTER 2: BASE 3: COLLECTOR
ABSOLUTE MAXIMUM RATINGS ( Ta=25°C ,unless otherwise specified )
PARAMETER
SYMBOL
RATING
UNIT
Collector-base voltage
VCBO
40
V
Collector-emitter voltage
D965SS
D965ASS
VCEO
20
30
V
Emitter-base voltage
VEBO
7
V
Collector dissipation(Ta=25
°C)
Pc
750
mW
Collector current
Ic
5
A
Junction Temperature
Tj
150
°C
Storage Temperature
TSTG
-65 ~ +150
°C
ELECTRICAL CHARACTERISTICS(Ta=25°C,unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
BVCBO
Ic=100
µA,IE=0
40
V
Collector-emitter breakdown voltage
D965SS
D965ASS
BVCEO
Ic=1mA,IB=0
20
30
V
Emitter-base breakdown voltage
BVEBO
IE=10
µA,Ic=0
7
V
Collector cut-off current
ICBO
VCB=10V,IE=0
100
nA
Emitter cut-off current
IEBO
VEB=7V,Ic=0
100
nA
D65
D65A


Similar Part No. - UTCD965SS

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UTC ADVANTECH-UTC Datasheet
780Kb / 2P
UTC Series Installation Accessories
logo
Hangzhou Youwang Electr...
UTC 3842E YOUWANG-UTC 3842E Datasheet
128Kb / 9P
LINEAR INTEGRATED CIRCUIT
2005.06.09 V1.1
logo
Unisonic Technologies
UTC 75232 UTC-UTC 75232 Datasheet
150Kb / 12P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Hangzhou Youwang Electr...
UTC 820 YOUWANG-UTC 820 Datasheet
66Kb / 3P
LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UTC LM1851 UTC-UTC LM1851  Datasheet
160Kb / 9P
GROUND FAULT INTERRUPTER
More results

Similar Description - UTCD965SS

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com