| Electronic Components Datasheet Search |
|
HCPL-673X Datasheet(PDF) 2 Page - Broadcom Corporation. |
|
|
|||||||||||||||||||||||||||||
HCPL-673X Datasheet(HTML) 2 Page - Broadcom Corporation. |
|
2 / 14 page ![]() Broadcom - 2 - 6N140A, HCPL-675x, 83024, HCPL-570x, HCPL-177K, 5962-89810, HCPL-573x, HCPL-673x, 5962-89785, 5962-98002 Data Sheet Functional Diagram Functional Diagram Multiple channel devices available. Truth Table (Positive Logic) NOTE The connection of a 0.1-μF bypass capacitor between VCC and GND is recommended. Package styles for these parts are 8-pin and 16-pin DIP through hole (case outlines P and E respectively), 16-pin DIP flat pack (case outline F), and leadless ceramic chip carrier (case outline 2). Devices may be purchased with a variety of lead bend and plating options. See Selection Guide–Package Styles and Lead Configuration Options for details. Standard Military Drawing (SMD) parts are available for each package and lead style. Because the same electrical die (emitters and detectors) are used for each channel of each device listed in this data sheet, absolute maximum ratings, recommended operating conditions, electrical specifications, and performance characteristics shown in the figures are similar for all parts except as noted. Additionally, the same package assembly processes and materials are used in all devices. These similarities justify the use of a common data base for die related reliability and certain limited radiation test results. Input Output On (H) L Off (L) H 7 5 6 8 2 3 4 1 Selection Guide–Package Styles and Lead Configuration Options Package 16-pin DIP 8-pin DIP 8-pin DIP 16-pin Flat Pack 20-Pad LCCC Lead Style Through Hole Through Hole Through Hole Unformed Leads Surface Mount Channels 4 1 2 4 2 Common Channel Wiring VCC, GND None VCC, GND VCC, GND None Part Number and Options Commercial 6N140A HCPL-5700 HCPL-5730 HCPL-6750 HCPL-6730 MIL-PRF-38534 Class H 6N140A/883B HCPL-5701 HCPL-5731 HCPL-6751 HCPL-6731 MIL-PRF-38534 Class K HCPL-177K HCPL-570K HCPL-573K HCPL-675K HCPL-673K Standard Lead Finish Gold Platea Gold Platea Gold Platea Gold Platea Solder Padsb Solder Dippedb Option #200 Option #200 Option #200 Butt Cut/Gold Platea Option #100 Option #100 Option #100 Gull Wing/Solderedb Option #300 Option #300 Option #300 Crew Cut/Gold Platea Option #600 Option #600 Option #600 Class H SMD Part Number Prescript for all below None 5962- 5962- None 5962- Gold Platea 8302401EC 8981001PC 8978501PC 8302401FC Solder Dippedb 8302401EA 8981001PA 8978501PA 89785022A |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |