Electronic Components Datasheet Search
  English  ▼

X  

ACPL-024L Datasheet(PDF) 9 Page - Broadcom Corporation.

Part # ACPL-024L
Description  Low Power, 5-MBd Digital CMOS Optocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-024L Datasheet(HTML) 9 Page - Broadcom Corporation.

Back Button ACPL-024L Datasheet HTML 5Page - Broadcom Corporation. ACPL-024L Datasheet HTML 6Page - Broadcom Corporation. ACPL-024L Datasheet HTML 7Page - Broadcom Corporation. ACPL-024L Datasheet HTML 8Page - Broadcom Corporation. ACPL-024L Datasheet HTML 9Page - Broadcom Corporation. ACPL-024L Datasheet HTML 10Page - Broadcom Corporation. ACPL-024L Datasheet HTML 11Page - Broadcom Corporation. ACPL-024L Datasheet HTML 12Page - Broadcom Corporation. ACPL-024L Datasheet HTML 13Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Broadcom
- 9 -
ACPL-M21L, ACPL-021L, ACPL-024L, ACPL-W21L, ACPL-K24L
Data Sheet
Table 5 Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Condition
Storage Temperature
TS
–55
125
°C
Operating Temperature
TA
–40
105
°C
Reverse Input Voltage
VR
5V
Supply Voltage
VDD
6.5
V
Average Forward Input Current
IF
8mA
Peak Forward Input Current
IF(TRAN)
1
A
≤1 μs pulse width, <300 pulses per second
Output Current
IO
10
mA
At max VDD
Output Voltage
VO
–0.5
VDD +0.5
V
Lead Solder Temperature
TLS
260°C for 10 sec., 1.6 mm below seating plane
Solder Reflow Temperature Profile
See Package Outline Drawings
Table 6 Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Operating Temperature
TA
–40
105
°C
Input Current, Low Level
IFL
0
250
μA
Input Current, High Level
IFH
1.6a
a.
The initial switching threshold is 1.6 mA or less. It is recommended that 2.2 mA be used to permit at
least a 20% LED degradation guardband.
6mA
Power Supply Voltage
VDD
2.7
5.5
V
Forward Input Voltage
VF (OFF)
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com