Electronic Components Datasheet Search
  English  ▼

X  

DRV592 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DRV592
Description  - 3-A HIGH EFFICIENCY H-BRIDGE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV592 Datasheet(HTML) 3 Page - Texas Instruments

  DRV592 Datasheet HTML 1Page - Texas Instruments DRV592 Datasheet HTML 2Page - Texas Instruments DRV592 Datasheet HTML 3Page - Texas Instruments DRV592 Datasheet HTML 4Page - Texas Instruments DRV592 Datasheet HTML 5Page - Texas Instruments DRV592 Datasheet HTML 6Page - Texas Instruments DRV592 Datasheet HTML 7Page - Texas Instruments DRV592 Datasheet HTML 8Page - Texas Instruments DRV592 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DRV592
SLOS390A – NOVEMBER 2001– REVISED MAY 2002
www.ti.com
3
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V
Voltage output (measured differentially)
V5 V
IO = ±1 A, rds(on) = 65 mΩ
4.87
V
VO
Voltage output (measured differentially)
VDD = 5 V
IO = ±3 A, rds(on) = 65 mΩ
4.61
V
|IIH|
High-level input current
VDD = 5.5V,
VI = VDD
1
µA
|IIL|
Low-level input current
VDD = 5.5V,
VI = 0 V
1
µA
VDD = 5 V,
IO 4A
High side
25
60
95
m
Ω
r
Output on resistance
IO = 4 A,
TA = 25°C
Low side
25
65
95
m
Ω
rDS(on)
Output on-resistance
VDD = 3.3 V,
IO 4A
High side
25
80
140
m
Ω
IO = 4 A,
TA = 25°C
Low side
25
90
140
m
Ω
Maximum continuous current output
3
A
Output resistance in shutdown
SHUTDOWN = 0.8 V
1
2
3.5
k
Ω
Switching frequency
0 (dc)
1
MHz
Status flag output pins (FAULT0, FAULT1)
Fault active (open drain output)
Sinking 200
µA
0.1
V
I
Qi
t
t
VDD = 5 V
Nit hi
0
0.5
1.5
A
Iq
Quiescent current
VDD = 3.3 V
No switching
0
0.3
1
mA
Iq(SD)
Quiescent current in shutdown mode
SHUTDOWN = 0.8 V
0.01
50
µA
PIN ASSIGNMENTS
VFP PACKAGE
(TOP VIEW)
31 30 29 28 27
910
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
OUT+
PGND
PGND
PGND
PGND
PGND
PGND
OUT–
AVDD
AGND
HI-Z
FAULT1
FAULT0
IN+
IN–
SHUTDOWN
32
26
11 12 13 14 15 16
25
PowerPAD



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com