Electronic Components Datasheet Search
  English  ▼

X  

ACPL-P314 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # ACPL-P314
Description  0.6-Amp Output Current IGBT Gate Driver Optocoupler
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-P314 Datasheet(HTML) 2 Page - Broadcom Corporation.

  ACPL-P314 Datasheet HTML 1Page - Broadcom Corporation. ACPL-P314 Datasheet HTML 2Page - Broadcom Corporation. ACPL-P314 Datasheet HTML 3Page - Broadcom Corporation. ACPL-P314 Datasheet HTML 4Page - Broadcom Corporation. ACPL-P314 Datasheet HTML 5Page - Broadcom Corporation. ACPL-P314 Datasheet HTML 6Page - Broadcom Corporation. ACPL-P314 Datasheet HTML 7Page - Broadcom Corporation. ACPL-P314 Datasheet HTML 8Page - Broadcom Corporation. ACPL-P314 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Broadcom
- 2 -
ACPL-P314 and ACPL-W314
Data Sheet
Functional Diagram
NOTE
A 0.1-μF bypass capacitor must be connected between pins VCC and VEE.
Ordering Information
ACPL-P314 is UL Recognized with 3750 Vrms for 1 minute per UL1577. ACPL-W314 is UL Recognized with 5000 Vrms for 1 minute
per UL1577.
To order, choose a part number from the part number column and combine with the desired option from the option column to
form an order entry.
Example 1:
ACPL-P314-560E to order product of Stretched SO-6 Surface Mount package in Tape and Reel packaging with IEC/EN/DIN EN
60747-5-5 Safety Approval in RoHS compliant.
Example 2:
ACPL-P314-000E to order product of Stretched SO-6 Surface Mount package in tube packaging and RoHS compliant.
Option data sheets are available. Contact your Broadcom sales representative or authorized distributor for information.
NOTE
The notation #XXX is used for existing products, while (new) products launched since July 15, 2001 and RoHS
compliant option will use -XXXE.
Truth Table
LED
VO
OFF
LOW
ON
HIGH
Part Number
Option
Package
Surface Mount Tape and Reel
UL 5000 Vrms /
1 Minute Rating
IEC/EN/DIN EN
60747-5-5
Quantity
RoHS
Compliant
ACPL-P314
-000E
Stretched SO-6
X
100 per tube
-500E
X
X
1000 per reel
-060E
X
X
100 per tube
-560E
X
X
X
1000 per reel
ACPL-W314
-000E
Stretched SO-6
X
X
100 per tube
-500E
X
X
X
1000 per reel
-060E
X
X
X
100 per tube
-560E
X
X
X
X
1000 per reel
6
1
5
2
4
3
ANODE
N.C.
CATHODE
VCC
VO
VEE
SHIELD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com