Electronic Components Datasheet Search
  English  ▼

X  

ACPL-P611 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # ACPL-P611
Description  High CMR, High-Speed TTL Compatible Optocoupler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-P611 Datasheet(HTML) 2 Page - Broadcom Corporation.

  ACPL-P611 Datasheet HTML 1Page - Broadcom Corporation. ACPL-P611 Datasheet HTML 2Page - Broadcom Corporation. ACPL-P611 Datasheet HTML 3Page - Broadcom Corporation. ACPL-P611 Datasheet HTML 4Page - Broadcom Corporation. ACPL-P611 Datasheet HTML 5Page - Broadcom Corporation. ACPL-P611 Datasheet HTML 6Page - Broadcom Corporation. ACPL-P611 Datasheet HTML 7Page - Broadcom Corporation. ACPL-P611 Datasheet HTML 8Page - Broadcom Corporation. ACPL-P611 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Broadcom
- 2 -
ACPL-W611/ACPL-P611
Data Sheet
Functional Diagram
NOTE
Bypassing of the power supply line is required with a 0.-μF ceramic disc capacitor adjacent to each optocoupler.
The total lead length between both ends of the capacitor and the isolator pins should not exceed 10 mm.
Schematic Diagram
1
2
3
6
5
4
CATHODE
GND
V CC
V O
ACPL-W611/ACPL-P611
ANODE
LED
ON
OFF
OUTPUT
L
H
TRUTH TABLE
(POSITIVE LOGIC)
SHIELD
SHIELD
6
5
4
1+
3
VF
–
IF
ICC
VCC
VO
GND
IO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com