Electronic Components Datasheet Search
  English  ▼

X  

DS1427 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1427
Description  Time iButton
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1427 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1427 Datasheet HTML 1Page - Dallas Semiconductor DS1427 Datasheet HTML 2Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS1427
Time iButton
DS1427
021798 1/2
FEATURES
• Provides a unique 64–bit serial number, 4K bits of
RAM
• No external power required
• Uses inexpensive 1–WireTM protocol
• Universally portable across platforms
• Programmable secure real time clock with alarm and
elapsed timer.
PACKAGE OUTLINE
16mm
DESCRIPTION
Authorization iButtons are sophisticated microelectron-
ics, sealed into miniature stainless steel cans, creating a
low cost, portable medium for storing and controlling
access to sensitive information.
iButtons are used with port adapters as a hardware
based protection system for software. iButtons help
protect the right to copy software by actually protecting
the right to execute it. Software can now be locked to a
user, a machine, or an application with a complete audit
trail and guaranteed uniqueness.
The DS1427 provides a 64–bit unique ID number, 4K
bits of RAM, and a programmable real time clock. The
DS1427 is used in leasing and rental applications, soft-
ware metering, and to vary valid protection keys by time.
Ability to distribute demonstration software that expire
on a date controlled by the deliverer.
Hardware communication with the iButtons is con-
ducted via a 1–wire interface. The conversion from a
PC I/O port to the 1–wire interface is the responsibility of
the port adapter.
Software applications communicate with the iButton
using Dallas’ Access System, which is contained in any
of the port adapter Developer’s kits. The Access Sys-
tem provides easy to use commands which are
embedded into the application in order to utilize the
iButton resources during run time.
Each Dallas iButton is uniquely serialized with a 64–bit
code that is laser–etched in the silicon. This unique ID
provides a basic level of security, is traceable in the field,
and makes it possible to identify the specific iButton in a
field of many.
The serial number is divided into three parts (see Figure
1). The 8–bit family code tells the Access System (and
consequently the developer) what type of iButton is
being used. The next 48 bits are lasered sequentially
with no two numbers the same. The last 8 bits contain a
Cyclic Redundancy Check (CRC) value that has been
calculated across the family code and the 48–bit serial
number. The CRC ensures that iButton communication
is error free.
The DS1427 tracks elapsed time from either initial pro-
gramming or from first access by the application soft-
ware. All timers and alarms can be locked from repro-
gramming, so that the time base is not compromised in
any way.


Similar Part No. - DS1427

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS142 LUMILEDS-DS142 Datasheet
2Mb / 18P
Turnkey solution on a flexible substrate with optimized performance and uniform light distribution
logo
Bridgelux, Inc.
DS142 BRIDGELUX-DS142 Datasheet
1Mb / 16P
Gen 3 F90 HE
11/2023
logo
Dallas Semiconductor
DS1425 DALLAS-DS1425 Datasheet
19Kb / 2P
Multi iButton
DS14285 DALLAS-DS14285 Datasheet
303Kb / 25P
Real Time Clock with NV RAM Control
DS14285 DALLAS-DS14285 Datasheet
481Kb / 26P
Real-Time Clock with NV RAM
More results

Similar Description - DS1427

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1904 DALLAS-DS1904 Datasheet
72Kb / 12P
RTC iButton
DS1994 DALLAS-DS1994 Datasheet
254Kb / 22P
4kb Plus Time Memory iButton
DS1425 DALLAS-DS1425 Datasheet
19Kb / 2P
Multi iButton
DS1963S DALLAS-DS1963S Datasheet
349Kb / 37P
SHA iButton
DS1921G DALLAS-DS1921G Datasheet
497Kb / 45P
Thermochron iButton
logo
Maxim Integrated Produc...
DS1994 MAXIM-DS1994 Datasheet
634Kb / 23P
4Kb Plus Time Memory iButton®
11/09
DS9107 MAXIM-DS9107 Datasheet
143Kb / 3P
iButton Capsule
11/09
DS1921G MAXIM-DS1921G_12 Datasheet
484Kb / 42P
Thermochron iButton
Rev 6; 3/12
DS1920 MAXIM-DS1920 Datasheet
531Kb / 22P
Temperature iButton
Rev 8/09
DS9092 MAXIM-DS9092 Datasheet
274Kb / 3P
iButton Probe
8/09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com