Electronic Components Datasheet Search
  English  ▼

X  

DS1846 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1846
Description  NV Tri-Potentiometer, Memory, and MicroMonitor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1846 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1846 Datasheet HTML 1Page - Maxim Integrated Products DS1846 Datasheet HTML 2Page - Maxim Integrated Products DS1846 Datasheet HTML 3Page - Maxim Integrated Products DS1846 Datasheet HTML 4Page - Maxim Integrated Products DS1846 Datasheet HTML 5Page - Maxim Integrated Products DS1846 Datasheet HTML 6Page - Maxim Integrated Products DS1846 Datasheet HTML 7Page - Maxim Integrated Products DS1846 Datasheet HTML 8Page - Maxim Integrated Products DS1846 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
DS1846
2 of 18
The EEPROM memory allows a user to store configuration or calibration data for a specific system or
device and provides control of the potentiometer wiper settings. Any type of user information can reside
in the first 248 bytes (00h to F7h) of this memory. The next three bytes of memory (F8h to FAh) are for
potentiometer settings and the last five addresses of EEPROM memory (FBh to FFh) are reserved. These
reserved and potentiometer registers should not be used for data storage. Access to this EEPROM is
through an industry-standard 2-wire bus. The interface I/O pins consist of SDA and SCL. The wiper
positions of the DS1846, as well as EEPROM data, can be hardware write-protected using the WP input
pin.
The MicroMonitor is a precision temperature-compensated reference and comparator that monitors
certain vital status conditions for a microprocessor. When a sense input detects an out-of-tolerance (VCC)
condition, a nonmaskable interrupt is generated. As the voltage at the device degrades, an internal power-
fail signal is generated that can be used to reset the processor. When VCC returns to an in-tolerance level,
the reset signal is kept in the active state for a minimum time of tRST to allow for the stabilization of the
power supply and the microprocessor. The MicroMonitor also functions as a pushbutton reset control.
The pushbutton input is debounced internally and generates an active pulse width of tRST minimum.
DS1846 BLOCK DIAGRAM Figure 1
DS1846
2-Wire
Interface
SCL
SDA
WP
A0
5 Reserved
Bytes
FBh-FFh
Potentiometer 2
FAh
Potentiometer 0
F9h
Potentiometer 1
F8h
User EPROM
248 Bytes
00h-F7h
EEPROM
Potentiometer 2
H2
W2
L2
10k
W
Addr FAh
100-Positions
Potentiometer 0
H0
W0
L0
10k
W
Addr F9h
100-Positions
Potentiometer 1
H1
W1
L1
100k
W
Addr F8h
256-Positions
Data
Nonvolatile
Digital Potentiometer
PBRST
V
CCTP
V
TP
V
CC
IN
RST
RST
V
CC
NMI
MicroMonitor
Timer
Delay
Timer
Delay
V
CC
2.4k
W
typical
RPBR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com