Electronic Components Datasheet Search
  English  ▼

X  

PCS07A1 Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # PCS07A1
Description  Low Profile Cellular SMD Dielectric Antenna
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PCS07A1 Datasheet(HTML) 3 Page - Taoglas antenna solutions

  PCS07A1 Datasheet HTML 1Page - Taoglas antenna solutions PCS07A1 Datasheet HTML 2Page - Taoglas antenna solutions PCS07A1 Datasheet HTML 3Page - Taoglas antenna solutions PCS07A1 Datasheet HTML 4Page - Taoglas antenna solutions PCS07A1 Datasheet HTML 5Page - Taoglas antenna solutions PCS07A1 Datasheet HTML 6Page - Taoglas antenna solutions PCS07A1 Datasheet HTML 7Page - Taoglas antenna solutions PCS07A1 Datasheet HTML 8Page - Taoglas antenna solutions PCS07A1 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SPE-13-8-028/B/WY
Page 3 of 14
2. Specification Table
GSM Band
GSM 850
GSM 900
DCS
PCS
WCDMA I
Frequency (MHz)
824~896
880~960
1710~1880 1850~1990
1920~2170
Peak Gain (dBi)*
-1.96
-1.77
2.90
2.83
2.57
Average Gain (dBi)*
-4.68
-4.44
-2.50
-2.68
-2.42
Efficiency (%)*
32.02
31.06
45.14
52.82
50.11
Return Loss (dB)*
< -3
< -4
< -5
< -7
< -6
Polarization
Linear
Impedance
50 Ω
MECHANICAL
Antenna Dimensions
35mm x 7mm x 3mm
Material
Polymer
Soldering Type
SMT through Reflow
ENVIRONMENTAL
Operation Temperature
-40°C ~ +85°C
Storage Temperature
-40°C ~ +85°C
* all measurements taken on 100mm length ground plane EVB board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com