Electronic Components Datasheet Search
  English  ▼

X  

TG090113 Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # TG090113
Description  4G/3G/2G Cellular Hinged SMA(M) Mount Monopole
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

TG090113 Datasheet(HTML) 3 Page - Taoglas antenna solutions

  TG090113 Datasheet HTML 1Page - Taoglas antenna solutions TG090113 Datasheet HTML 2Page - Taoglas antenna solutions TG090113 Datasheet HTML 3Page - Taoglas antenna solutions TG090113 Datasheet HTML 4Page - Taoglas antenna solutions TG090113 Datasheet HTML 5Page - Taoglas antenna solutions TG090113 Datasheet HTML 6Page - Taoglas antenna solutions TG090113 Datasheet HTML 7Page - Taoglas antenna solutions TG090113 Datasheet HTML 8Page - Taoglas antenna solutions TG090113 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
SPE-16-8-032/L/NW
Page 3 of 37
2.Specification
ELECTRICAL
Communication
System
4G/3G/2G Cellular
700
LTE
AMPS
GSM
DCS
PCS
UMTS
2300
LTE
2700
LTE
3500
LTE
3700
LTE
Frequency (MHz)
703~
803
824 ~
896
880 ~
960
1710
~
1880
1850
~
1990
1710
~
2170
2300~
2400
2490~
2690
3400~
3600
3600~
3800
Efficiency (free
space)*
18%
22%
22%
25%
30%
30%
17%
32%
28%
43%
Gain (dBi, free
space)*
-3.0
-2.6
-3.0
0.9
0.9
0.9
-1.3
1.1
1.8
3.1
Efficiency
(mounted on
PCB)*
52%
58%
57%
61%
58%
54%
31%
59%
36%
37%
Gain (dBi,
mounted on PCB)*
0.8
1.7
1.8
3.4
3.4
3.4
2.3
3.7
4.3
2.6
Impedance
50Ω
Polarization
Linear
Radiation Pattern
Omnidirectional
Input Power
10W
MECHANICAL
Antenna Length
72 ± 1.5 mm
Antenna Diameter
10 ± 0.3 mm
Casing
POM
Connector
SMA Male (Brass)
Weight
8g
ENVIRONMENTAL
Temperature
Range
-40°C to 85°C
Storage
Temperature
-40℃ ~ +85℃
Humidity
Non-condensing 65°C 95% RH
* Average efficiency and peak gain of antenna sitting 180° in Free Space and on
150*90mm ground plane at the side of the PCB. Please refer to section 3 for testing
detail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com